Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 4 Page - Analog Devices

Part # BAS516
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BAS516 Datasheet(HTML) 4 Page - Analog Devices

  BAS516 Datasheet HTML 1Page - Analog Devices BAS516 Datasheet HTML 2Page - Analog Devices BAS516 Datasheet HTML 3Page - Analog Devices BAS516 Datasheet HTML 4Page - Analog Devices BAS516 Datasheet HTML 5Page - Analog Devices BAS516 Datasheet HTML 6Page - Analog Devices BAS516 Datasheet HTML 7Page - Analog Devices BAS516 Datasheet HTML 8Page - Analog Devices BAS516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-250
Evaluation Board User Guide
Rev. A | Page 4 of 12
Table 2. Link Options
Link No.
Description
LK1
This link connects the VLOOP input pin to the LOOP+ voltage via a 20:1 resistor divider.
When this link is inserted, the VLOOP pin is connected to the resistor divider.
When this link is removed, the VLOOP pin is unconnected and can be connected to another voltage (maximum 2.5 V) via TP26.
LK2
This link enables/disables the MOSFET device.
Position A disables the MOSFET device.
Position B enables the MOSFET device and the loop supply is connected directly to the REGIN pin.
LK4
This link enables/disables the iCoupler® digital isolators.
When this link is inserted, the isolators are enabled.
When this link is removed, the isolators are disabled.
LK6
This link should be inserted when the MOSFET device is enabled (LK2 in Position B).
This link should be removed when the MOSFET device is disabled (LK2 in Position A).
LK7
This link completes the loop connection if a load resistor is not connected at Connector J7.
This link should be inserted if a load resistor is not connected at Connector J7.
This link should be removed if a load resistor is connected at Connector J7.
Alarm_Dir
This link selects the alarm current direction.
Position A selects an upscale alarm current (22.8 mA or 24 mA).
Position B selects a downscale alarm current (3.2 mA).
Rint_Rext
This link selects to use either the internal or external current setting resistor.
Position A selects the internal resistor.
Position B selects the external resistor.
Range0,
Range1
These links select the loop current range.
Range1
Range0
Loop Range
B
B
4 mA to 20 mA
B
A
3.8 mA to 21 mA
A
B
3.2 mA to 24 mA
A
A
3.8 mA to 21 mA
Reg_Sel2,
Reg_Sel1,
Reg_Sel0
These links select the voltage regulator output voltage.
Reg_Sel2
Reg_Sel1
Reg_Sel0
Regulator Output Voltage
B
B
B
1.8 V
B
B
A
2.5 V
B
A
B
3 V
B
A
A
3.3 V
A
B
B
5 V
A
B
A
9 V
A
A
B
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com