Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 11 Page - Analog Devices

Part # BAS516
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BAS516 Datasheet(HTML) 11 Page - Analog Devices

Back Button BAS516 Datasheet HTML 4Page - Analog Devices BAS516 Datasheet HTML 5Page - Analog Devices BAS516 Datasheet HTML 6Page - Analog Devices BAS516 Datasheet HTML 7Page - Analog Devices BAS516 Datasheet HTML 8Page - Analog Devices BAS516 Datasheet HTML 9Page - Analog Devices BAS516 Datasheet HTML 10Page - Analog Devices BAS516 Datasheet HTML 11Page - Analog Devices BAS516 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Evaluation Board User Guide
UG-250
Rev. A | Page 11 of 12
ORDERING INFORMATION
BILL OF MATERIALS
Table 3.
Reference
Designator
Part Description
Part Number
Supplier/Number
C5
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C6
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C7
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C8
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C9
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C10
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C11
Capacitor, 1 µF, 16 V, Case A tantalum
MCCTA105M016
FEC 1190114
C12
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C13
Capacitor, F/TERM, 100 nF, 50 V, X7R
06035C104KAZ2A
FEC 1301894
C15
Capacitor, 2.2 µF, 16 V, Case A tantalum
MCCTA225M016
FEC 1190115
D1
LED, yellow, 0603
LY Q971-H1K1-36-0-20-R18
Digi-Key 475-2557-1-ND
D2
BAS516, high speed switching diodes
BAS516
FEC 8734402
D3
BAS516, high speed switching diodes
BAS516
FEC 8734402
D4
Diode ZENER, 4.7 V, 500 MW, SOD-80
FLZ4V7A
Digi-Key FLZ4V7ACT-ND
J2
Header, TIN, SIL, 32-way
3-826936-2
FEC 5217805 and FEC 1212164 (x7)
J3
Header, TIN, SIL, 32-way
3-826936-2
FEC 5217805 and FEC 1212164 (x7)
J4
Header, TIN, SIL, 32-way
3-826936-2
FEC 5217805 and FEC 1212164 (x7)
J5
2-pin terminal block (5 mm pitch)
CTB5000/2
FEC 151789
J6
120-way connector, 0.6 mm pitch
FX8-120S-SV(21)
FEC 1324660
J7
3-pin terminal block (5 mm pitch)
CTB5000/3
FEC 151790
L1
Ferrite bead chip, series FB FB
FBMH3225HM102NT
FEC 1651731
L2
Ferrite bead chip, series FB FB
FBMH3225HM102NT
FEC 1651731
LK1
2-pin (0.1" pitch) header and shorting shunt
M20-9990246
FEC 1022247 and FEC 150-411
LK2
3-pin SIL header and shorting link
M20-9990345 and M7567-05
FEC 1022248 and FEC 150410
LK4
2-pin (0.1" pitch) header and shorting shunt
M20-9990246
FEC 1022247 and FEC 150-411
LK6
2-pin (0.1" pitch) header and shorting shunt
M20-9990246
FEC 1022247 and FEC 150-411
LK7
2-pin (0.1" pitch) header and shorting shunt
M20-9990246
FEC 1022247 and FEC 150-411
R1
Resistor, 24 kΩ, 0805, 5 ppm
PCF0805-13-24K-B-T1
FEC 1108901
R3
Resistor, 220 kΩ, 5%, 50 V, 0.063W, 0603
MC 0.063W 0603 5% 220K
FEC 9331930
R4
Resistor, 1 kΩ, 5%, 50 V, 0.063W, 0603
MC 0.063W 0603 5% 1K
FEC 9331697
R15
Resistor, HRC11 0805 18M
RC0805JR-0718ML
Yageo (Phycomp) FEC 9236422
R16
MULTICOMP, resistor, 0603 953 kΩ
MC 0.063W 0603 1% 953K
FEC 1171085
R18
RESISTOR, 0603, 100 kΩ, 1%
MC 0.063W 0603 1% 100K
FEC 9330402
R19
RESISTOR, 0603, 100 kΩ, 1%
MC 0.063W 0603 1% 100K
FEC 9330402
U1
Loop powered, 4 mA to 20 mA DAC
AD5421CREZ
AD5421CREZ
U2
Depletion mode, N-channel MOSFET
BSP129
FEC 1214279
U3
Digital isolator
ADUM1401ARWZ
ADuM1401ARWZ
U5
Digital isolator
ADuM1201ARZ
ADuM1201ARZ
U6
64K I2C serial EEPROM
24LC64-I/SN
FEC 9758070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com