Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 5 Page - Analog Devices

Part # BAS516
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BAS516 Datasheet(HTML) 5 Page - Analog Devices

  BAS516 Datasheet HTML 1Page - Analog Devices BAS516 Datasheet HTML 2Page - Analog Devices BAS516 Datasheet HTML 3Page - Analog Devices BAS516 Datasheet HTML 4Page - Analog Devices BAS516 Datasheet HTML 5Page - Analog Devices BAS516 Datasheet HTML 6Page - Analog Devices BAS516 Datasheet HTML 7Page - Analog Devices BAS516 Datasheet HTML 8Page - Analog Devices BAS516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Evaluation Board User Guide
UG-250
Rev. A | Page 5 of 12
EVALUATION BOARD SOFTWARE QUICK START PROCEDURES
SOFTWARE INSTALLATION
The AD5421 evaluation kit includes self-installing software on
a CD. The software is compatible with Windows XP (SP2) and
Vista (32-bit). If the setup file does not run automatically, you
can run setup.exe from the CD.
Install the evaluation software before connecting the evaluation
board and SDP board to the USB port of the PC to ensure that
the evaluation system is correctly recognized when connected
to the PC.
1. After installation from the CD is complete, power up the
AD5421 evaluation board as described in the Power
Supplies section.
2. Connect the SDP board to the AD5421 evaluation board
and then to the USB port of your PC using the supplied
cable. Either connector of the SDP board may be used.
3. When the evaluation system is detected, proceed through
any dialog boxes that appear. This finishes the installation.
SOFTWARE OPERATION
To launch the software, complete the following steps:
1. From the Start menu, select Analog Devices – AD5421;
then select AD5421 Evaluation Software. The main
window of the software displays (see Figure 3).
2. If the evaluation system is not connected to the USB port
when the software is launched, or if the AD5421 board is
not connected to the SDP board, a connectivity error
displays (see Figure 2). Simply connect the evaluation
board to the USB port of the PC, wait a number of seconds,
click Rescan, and follow the instructions.
Figure 2. Connectivity Error Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com