Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8014IRZ Datasheet (PDF) - Intersil Corporation

ISL8014IRZ Datasheet PDF - Intersil Corporation
Part # ISL8014IRZ
Download  ISL8014IRZ Download
File Size   1337.73 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8014IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8014IRZ Datasheet PDF - Intersil Corporation

Part # ISL8014IRZ
Download  ISL8014IRZ Click to download

File Size   1337.73 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8014IRZ Datasheet (HTML) - Intersil Corporation


ISL8014IRZ Product details

The ISL8014 is a high efficiency, monolithic, synchronous step-down DC/DC converter that can deliver up to 4A continuous output current from a 2.7V to 5.5V input supply. It uses a current control architecture to deliver very low duty cycle operation at high frequency with fast transient response and excellent loop stability.

Features
• High Efficiency Synchronous Buck Regulator with up to 97% Efficiency
• Power-Good (PG) Output with a 1ms Delay
• 2.7V to 5.5V Supply Voltage
• 3% Output Accuracy Over-Temperature/Load/Line
• 4A Output Current
• Pin Compatible to ISL8013
• Start-up with Pre-Biased Output
• Internal Soft-Start - 1ms
• Soft-Stop Output Discharge During Disabled
• 35µA Quiescent Supply Current in PFM Mode
• Selectable Forced PWM Mode and PFM Mode
• External Synchronization up to 4MHz
• Less than 1µA Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle
• Internal Current Mode Compensation
• Peak Current Limiting and Hiccup Mode Short Circuit Protection
• Over-Temperature Protection
• Small 16 Ld 4mmx4mm QFN
• Pb-Free (RoHS Compliant)

Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Portable Instruments
• Test and Measurement Systems
• Li-ion Battery Powered Devices
• Small Form Factor (SFP) Modules
• Bar Code Readers




Similar Part No. - ISL8014IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014IRZ INTERSIL-ISL8014IRZ Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
logo
Renesas Technology Corp
ISL8014IRZ RENESAS-ISL8014IRZ Datasheet
1Mb / 17P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Similar Description - ISL8014IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 27, 2007
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
March 11, 2008
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
ISL8012 INTERSIL-ISL8012_10 Datasheet
1Mb / 16P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
March 17, 2010
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com