Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CS Datasheet (PDF) - Analog Devices

DAC08CS Datasheet PDF - Analog Devices
Part # DAC08CS
Download  DAC08CS Download
File Size   584.41 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)

DAC08CS Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC08CS Datasheet PDF - Analog Devices

Part # DAC08CS
Download  DAC08CS Click to download

File Size   584.41 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)

DAC08CS Datasheet (HTML) - Analog Devices


DAC08CS Product details

GENERAL DESCRIPTION

The DAC08 series of 8-bit monolithic digital-to-analog convert ers provide very high-speed performance coupled with low cost and outstanding applications flexibility.



FEATURES

  Fast Settling Output Current: 85 ns

  Full-Scale Current Prematched to ±1 LSB

  Direct Interface to TTL, CMOS, ECL, HTL, PMOS

  Nonlinearity to 0.1% Maximum over Temperature Range

  High Output Impedance and Compliance: –10 V to +18 V

  Complementary Current Outputs

  Wide Range Multiplying Capability: 1 MHz Bandwidth

  Low FS Current Drift: ±10 ppm/℃

  Wide Power Supply Range: ±4.5 V to ±18 V

  Low Power Consumption: 33 mW @ ±5 V

  Low Cost

  Available in Die Form



 




Similar Part No. - DAC08CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08CS AD-DAC08CS Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
DAC08CS AD-DAC08CS Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
DAC08CS-REEL AD-DAC08CS-REEL Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
DAC08CS-REEL AD-DAC08CS-REEL Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
More results


Similar Description - DAC08CS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV.A
DAC10 AD-DAC10 Datasheet
300Kb / 10P
10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV.D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
Analog Devices
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com