Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CS Datasheet(PDF) 5 Page - Analog Devices

Part # DAC08CS
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CS Datasheet(HTML) 5 Page - Analog Devices

  DAC08CS Datasheet HTML 1Page - Analog Devices DAC08CS Datasheet HTML 2Page - Analog Devices DAC08CS Datasheet HTML 3Page - Analog Devices DAC08CS Datasheet HTML 4Page - Analog Devices DAC08CS Datasheet HTML 5Page - Analog Devices DAC08CS Datasheet HTML 6Page - Analog Devices DAC08CS Datasheet HTML 7Page - Analog Devices DAC08CS Datasheet HTML 8Page - Analog Devices DAC08CS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DAC08
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Operating Temperature
DAC08AQ, DAC08Q
−55°C to +125°C
DAC08HQ, DAC08EQ, DAC08CQ,
DAC08HP, DAC08EP
0°C to +70°C
DAC08CP, DAC08CS
−40°C to +85°C
Junction Temperature (TJ)
−65°C to +150°C
Storage Temperature Q Package
−65°C to +150°C
Storage Temperature P Package
−65°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
V+ Supply to V− Supply
36 V
Logic Inputs
V− to V− + 36 V
VLC
V− to V+
Analog Current Outputs (at VS− = 15 V)
4.25 mA
Reference Input (V14 to V15)
V− to V+
Reference Input Differential Voltage
(V14 to V15)
±18 V
Reference Input Current (I14)
5.0 mA
Package Type
θJA1
θJC
Unit
16-Lead CERDIP (Q)
100
16
°C/W
16-Lead PDIP (P)
82
39
°C/W
20-Terminal LCC (RC)
76
36
°C/W
16-Lead SOIC (S)
111
35
°C/W
1
θJA is specified for worst-case mounting conditions, that is, θJA is specified for
device in socket for CERDIP, PDIP, and LCC packages;
θJA is specified for
device soldered to printed circuit board for SOIC package.
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com