Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CS Datasheet(PDF) 8 Page - Analog Devices

Part # DAC08CS
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CS Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC08CS Datasheet HTML 4Page - Analog Devices DAC08CS Datasheet HTML 5Page - Analog Devices DAC08CS Datasheet HTML 6Page - Analog Devices DAC08CS Datasheet HTML 7Page - Analog Devices DAC08CS Datasheet HTML 8Page - Analog Devices DAC08CS Datasheet HTML 9Page - Analog Devices DAC08CS Datasheet HTML 10Page - Analog Devices DAC08CS Datasheet HTML 11Page - Analog Devices DAC08CS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DAC08
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V
0.5V
–0.5mA
IOUT
–2.5mA
200ns/DIVISION
REQ ≈ 200Ω
RL = 100Ω
CC = 0
1V
100mV
200ns
Figure 7. Fast Pulsed Reference Operation
0mA
1.0mA
2.0mA
(0000|0000)
(1111|1111)
IREF = 2mA
IOUT
IOUT
Figure 8. True and Complementary Output Operation
50ns/DIVISION
100mV
2V
50ns
5mV
2.4V
0.4V
0V
8
µA
0
Figure 9. LSB Switching
SETTLING TIME FIXTURE
IFS =2mA, RL =1kΩ
1/2LSB = 4
µA
50ns/DIVISION
ALL BITS SWITCHED ON
10mV
50ns
1V
2.4V
0.4V
–1/2LSB
0V
+1/2LSB
OUTPUT
SETTLING
Figure 10. Full-Scale Settling Time
IREF, REFERENCE CURRENT (mA)
5
0
4
3
2
1
0
12
34
5
TA = TMIN TO TMAX
ALL BITS HIGH
LIMIT FOR
V– = –5V
LIMIT FOR
V– = –15V
Figure 11. Full-Scale Current vs. Reference Current
IFS, OUTPUT FULL-SCALE CURRENT (mA)
500
400
300
200
100
0
0.005
0.02
0.10
0.50
2.00
1LSB = 7.8
µA
1LSB = 61nA
10.00
0.01
0.05
0.20
1.00
5.00
Figure 12. LSB Propagation Delay vs. IFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com