Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet (PDF) - STMicroelectronics

PM6644 Datasheet PDF - STMicroelectronics
Part # PM6644
Download  PM6644 Download
File Size   3012.93 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 350 mA adjustable step-down regulator

PM6644 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6644 Datasheet PDF - STMicroelectronics

Part # PM6644
Download  PM6644 Click to download

File Size   3012.93 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 350 mA adjustable step-down regulator

PM6644 Datasheet (HTML) - STMicroelectronics


PM6644 Product details

Description
The PM6644 is a 350 mA valley current limit stepdown regulator capable of delivering an adjustable output voltage in the range between 0.9 V and 8 V. A fixed value of output voltage is also available (3.47 V), saving the external resistor divider. It is housed in a small DFN10 3x3 package. The switching regulator is based on COT (constant-on-time) architecture, that assures fast load transient response; the embedded voltage feed-forward provides nearly constant switching frequency operation.

Features
■ 4.5 V to 25 V input voltage range
■ Output voltage VOUT: fixed 3.47 V or adjustable 0.9 V to 8 V
■ 350 mA valley current limit
■ Constant-on-time control
■ Programmable switching frequency
■ Pulse skipping mode (skip mode) at light loads
■ Independent EN signals
■ Latched OVP and UVP

Applications
■ Networking power supply
■ Portable applications
■ Microcontroller supply
■ Industrial supply




Similar Part No. - PM6644

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6641 STMICROELECTRONICS-PM6641 Datasheet
2Mb / 47P
Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
16-Jan-2008
PM6641TR STMICROELECTRONICS-PM6641TR Datasheet
2Mb / 47P
Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
16-Jan-2008
More results


Similar Description - PM6644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX638 MAXIM-MAX638 Datasheet
291Kb / 8P
5V/Adjustable CMOS Step-down Switching Regulator
Rev 1; 7/96
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
40V, 600 mA Step Down COT Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
CAV4201TD-GT3 ONSEMI-CAV4201TD-GT3 Datasheet
179Kb / 12P
350 mA High Efficiency Step Down LED Driver
November, 2011 ??Rev. 1
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
LM2694 30V, 600 mA Step Down Switching Regulator
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
2-MHz, 350-mA Step-Down DC-DC Converter
logo
STMicroelectronics
STEVAL-ISA139V1 STMICROELECTRONICS-STEVAL-ISA139V1 Datasheet
229Kb / 4P
350 mA valley current limit adjustable step-down regulator based on the PM6644
August 2014 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com