Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 5Page - STMicroelectronics PM6644 Datasheet HTML 6Page - STMicroelectronics PM6644 Datasheet HTML 7Page - STMicroelectronics PM6644 Datasheet HTML 8Page - STMicroelectronics PM6644 Datasheet HTML 9Page - STMicroelectronics PM6644 Datasheet HTML 10Page - STMicroelectronics PM6644 Datasheet HTML 11Page - STMicroelectronics PM6644 Datasheet HTML 12Page - STMicroelectronics PM6644 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
PM6644
Simplified application schematic
Doc ID 023203 Rev 1
9/35
1.5
Electrical characteristics
VIN=12 V, no load on REF3, EN=VIN, FB=VCC, R=1 MΩ between TON and VIN, Tj=25 °C
unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Switching controller output accuracy
BYP
Fixed output voltage valley
regulation
FB=VCC, no load
3.40
3.47
3.54
V
FB
Adjustable output voltage
valley regulation (FB=ADJ)
No load, BYP=3.47 V;
Tj=0 °C - 70 °C
(1)
0.88
0.92
V
Current limit and zero crossing comparator
Valley current limit
350
380
mA
Zero crossing current
threshold
SW voltage ramp slew rate = 40
V/ms
14
22
30
mA
3.3 V voltage reference
REF3
REF3 output voltage
(VREF3 voltage)
BYP=3.47 V external voltage, no
load
3.2
3.3
3.4
V
Line regulation
BYP=3.47 V to 5 V, no load
2.3
6.3
mV/V
Load regulation
BYP=3.47 V external voltage, 0
mA < lload < 2 mA
500
µV
VCC supply
VCC
VCC voltage
BYP< BYP falling threshold,
VIN> 6
3.4
3.8
4.2
V
BYP
BYP falling threshold/
REF3 turn-off threshold
2.4
2.7
V
BYP rising threshold (i.e.
VCC=BYP)/ REF3 turn-on
threshold
2.9
3.2
V
Regulator bias currents
VIN
VIN shutdown current
EN=0 V
13
21
µA
VIN quiescent current with
BYP > BYP falling
threshold
BYP=3.47 V (not switching),
REF3@no load
26
35
µA
BYP
BYP quiescent current with
BYP > BYP falling
threshold
BYP=3.47 V (not switching),
REF3@no load
190
230
µA
Fault management
VCC
VCC UVLO threshold
Rising edge of PVCC
2.7
3
V
Falling edge of PVCC
2.1
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com