Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 9Page - STMicroelectronics PM6644 Datasheet HTML 10Page - STMicroelectronics PM6644 Datasheet HTML 11Page - STMicroelectronics PM6644 Datasheet HTML 12Page - STMicroelectronics PM6644 Datasheet HTML 13Page - STMicroelectronics PM6644 Datasheet HTML 14Page - STMicroelectronics PM6644 Datasheet HTML 15Page - STMicroelectronics PM6644 Datasheet HTML 16Page - STMicroelectronics PM6644 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PM6644
Simplified application schematic
Doc ID 023203 Rev 1
13/35
Figure 18.
Simplified block diagram
VIN
GND
3.3V reference
BYP_ON
VCC
REF3
BYP
2.1V (falling thr.)
VCC
VCC_OK
3.2V (rising thr.)
BYP_ON
REF
TON
Ton_end
FB
Ton_pulse
GND
FB
FB
VCC-1V
S1
S2
D
C
ENB
Multiplexer
GND
BYP
FB=0.9V
EN_ok
EN
2.4V (rising thr.)
Not(Boot_fuses_OK)
GND
SW
Sink mos
3.8 V
generator
SW
GND
LS mos
HS mos
HS gate
driver
LS gate
driver
HS command
LS command
Ton_start
HS command
-
+
PWM
COMPARATOR
S
R
Q
Q
+
-
+
FB
FB_REF
ToffMIN=500ns
Ton_pulse
Ton_end
GND
Α*SW
@
LS mos on
320mV
0mV
EN
SMPS_enable
SW-GND
@
LS mos on
LS command
Ton_start
S
R
Q
Q
SW-GND
@LS mos on
0mV
-
+
REF
1.216V reference
generator
FB_REF=0.9V
GND
Vth_ref
Bias
reference
generator
EN
REF_OK
BIAS_OK
Ith_bias
REF_OK
BIAS
EN
EN
SMPS_enable
EN
EN
SMPS_enable
SMPS_enable
EN
EN
SMPS_enable
Fault Management
OVP
UVP
OVERTEMP
VCC_OK
EN
No Fault
Boot_fuses_OK
SS0, SS1
Start up
managment
VCC_OK
BOOT_FUSES _ OK
No Fault
SMPS_enable
SS0, SS1
FB
UVP
62% of
FB_REF
EN
SS_end
Die temperature
OVERTEMP
150°C
EN
Boot_fuses_OK
BOOT_FUSES_OK
EN_ok
120% of
FB _REF
FB
Boot_fuses_OK
OVP
EN
AM11778v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com