Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 12Page - STMicroelectronics PM6644 Datasheet HTML 13Page - STMicroelectronics PM6644 Datasheet HTML 14Page - STMicroelectronics PM6644 Datasheet HTML 15Page - STMicroelectronics PM6644 Datasheet HTML 16Page - STMicroelectronics PM6644 Datasheet HTML 17Page - STMicroelectronics PM6644 Datasheet HTML 18Page - STMicroelectronics PM6644 Datasheet HTML 19Page - STMicroelectronics PM6644 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Device description
PM6644
16/35
Doc ID 023203 Rev 1
Equation 5
The switching frequency is theoretically constant, but in a real application it depends on
parasitic voltage drops that occur during the charging path (high-side switch resistance,
inductor resistance (DCR)) and discharging path (low-side switch resistance, DCR). As a
result, the switching frequency increases as a function of the load current. The following
table shows some examples of switching frequencies that can be selected through the TON
pin (C1 not mounted):
2.1.3
PWM control
Figure 20 shows the simplified schematic of the constant-on-time controller. The COT
architecture uses a minimum OFF-time (TOFFMIN = 500 ns typ.) to allow inductor valley
current sensing on the synchronous switch. A minimum on-time is also introduced to assure
the correct startup sequence.
An adaptive anti-cross conduction algorithm avoids current paths between VIN and GND
during switching transition.
Table 7.
Frequency configurations
TON resistor
R_TON
VOUT = 3.47 V frequency
load = 200 mA (PWM mode)
VOUT = 0. 9 V frequency
load = 200 mA (PWM mode)
2 M
245 kHz
1 M
470 kHz
500 K
260 kHz
250 K
495 kHz
f
sw
D
T
ON
-----------
V
OUT
V
IN
0.9V
R
TON
CC
1
+
()
⋅⋅
V
IN
-----------------------------------------------------------------
-----------------------------------------------------------------
-----------------------------------------------------------------
V
OUT
0.9V
R
TON
CC
1
+
()
⋅⋅
-----------------------------------------------------------------
=
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com