Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 7Page - STMicroelectronics PM6644 Datasheet HTML 8Page - STMicroelectronics PM6644 Datasheet HTML 9Page - STMicroelectronics PM6644 Datasheet HTML 10Page - STMicroelectronics PM6644 Datasheet HTML 11Page - STMicroelectronics PM6644 Datasheet HTML 12Page - STMicroelectronics PM6644 Datasheet HTML 13Page - STMicroelectronics PM6644 Datasheet HTML 14Page - STMicroelectronics PM6644 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
PM6644
Simplified application schematic
Doc ID 023203 Rev 1
11/35
Figure 6.
VOUT vs. load
Figure 7.
VREF3 vs. output load
Figure 8.
Shutdown VIN current vs. VIN
(EN=0 V)
Figure 9.
No load VIN current vs. VIN
(EN=VIN)
Figure 10.
Power-up sequence, no load
Figure 11.
Power-up sequence, 69
Ω load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com