Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 20Page - STMicroelectronics PM6644 Datasheet HTML 21Page - STMicroelectronics PM6644 Datasheet HTML 22Page - STMicroelectronics PM6644 Datasheet HTML 23Page - STMicroelectronics PM6644 Datasheet HTML 24Page - STMicroelectronics PM6644 Datasheet HTML 25Page - STMicroelectronics PM6644 Datasheet HTML 26Page - STMicroelectronics PM6644 Datasheet HTML 27Page - STMicroelectronics PM6644 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Application information
PM6644
24/35
Doc ID 023203 Rev 1
Equation 17
where ILOAD is the RMS output current.
The minimum ILOAD between equation 16 and equation 17, combined with RMS load current
limitation due to valley current limit (Equation 6 ), determines the maximum RMS output
current ILOADRMS sustained by the switching regulator:
Equation 18
Example 1
VIN = 5 V, FB = VCC (VOUT = 3.47 V), ∆IL= 68.5 mA (L = 33 uH, Fsw = 470 kHz).
High-side can withstand a load current of ILOADRMS = 432 mA.
Low-side can withstand a load current of ILOADRMS = 977 mA.
ILOADRMS due to valley current limit = 384 mA.
As a result, ILOADRMS = 384 mA (limitation determined by the valley current limit).
The PM6644 switching regulator can source 384 mA RMS. 384 mA is also the peak load
current.
Example 2
VIN = 25 V, FB = VCC (VOUT = 3.47 V), ∆IL = 192.5 mA (L = 33 uH, Fsw = 470 kHz).
High-side can withstand a load current of ILOADRMS = 2164 mA.
Low-side can withstand a load current of ILOADRMS = 344 mA.
ILOADRMS due to valley current limit = 446 mA.
As a result, ILOADRMS = 344 mA (limitation determined by the low-side RMS max. current).
The PM6644 switching regulator can source 344 mA RMS. The peak load current is 446
mA.
I
RMS LS
,
I
LRMS
1D
–
()
I
LOAD
()
2
∆I
L
()
2
12
----------------
+
⋅
300mA
=
=
=
I
LOADRMS
MIN
300mA
D
-------------------
⎝⎠
⎛⎞
2
∆I
L
()
12
-------------
2
–
300mA
1D
–
-------------------
⎝⎠
⎛⎞
2
∆I
L
()
12
-------------
2
–
350mA
∆I
L
2
--------
+
⎩⎭
⎪⎪
⎪⎪
⎪⎪
⎪⎪
⎨⎬
⎪⎪
⎪⎪
⎪⎪
⎪⎪
⎧⎫
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com