Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 25Page - STMicroelectronics PM6644 Datasheet HTML 26Page - STMicroelectronics PM6644 Datasheet HTML 27Page - STMicroelectronics PM6644 Datasheet HTML 28Page - STMicroelectronics PM6644 Datasheet HTML 29Page - STMicroelectronics PM6644 Datasheet HTML 30Page - STMicroelectronics PM6644 Datasheet HTML 31Page - STMicroelectronics PM6644 Datasheet HTML 32Page - STMicroelectronics PM6644 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
PM6644
Conclusion
Doc ID 023203 Rev 1
29/35
5
Conclusion
The device regulates VOUT = 8 V properly with the designed schematic and bill of material.
The 12 V input voltage range should have an accuracy of ± 5%.
PCB design guidelines
The layout is very important in terms of efficiency, stability and system noise. It is possible to
refer to the PM6644 evaluation kit board for a complete layout example.
For good PC board layout, follow these guidelines:
●
Place all the power components (inductors, input and output capacitors) on the top
side. Refer them to a ground plan, GND in an inner layer. Connect the exposed pad of
the PM6644 to the GND plan with vias (design a GND pad on the top side with the
same size as the exposed pad). On the top side connect the GND pin with a short trace
to the exposed pad.
●
Place input capacitors close to the VIN pin, in order to minimize AC current drops
during high-side MOSFET turn-on. Add vias to the GND plan.
●
Place the output capacitor close to the GND pin, in order to minimize AC current drops
during high-side and low-side MOSFET turn-on. Add vias to the GND plan.
●
Place filtering capacitors close to pins REF3, BYP and VCC.
●
Place the resistor near the TON pin in order to minimize parasitic capacitance on the
TON pin.
Figure 31.
Recommended layout - top layer
Figure 32.
Recommended layout - inner layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com