Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 16Page - STMicroelectronics PM6644 Datasheet HTML 17Page - STMicroelectronics PM6644 Datasheet HTML 18Page - STMicroelectronics PM6644 Datasheet HTML 19Page - STMicroelectronics PM6644 Datasheet HTML 20Page - STMicroelectronics PM6644 Datasheet HTML 21Page - STMicroelectronics PM6644 Datasheet HTML 22Page - STMicroelectronics PM6644 Datasheet HTML 23Page - STMicroelectronics PM6644 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Device description
PM6644
20/35
Doc ID 023203 Rev 1
2.1.11
VCC and BYP power management
VCC supplies both the controller and the drivers of the integrated high-side and low-side
MOSFETs. An integrated 3.8 V generator from the VIN pin provides the voltage to the VCC
pin.
The PM6644 provides a switch-over function that allows the turning-off of the 3.8 V
generator when a voltage is applied at the BYP pin. If the voltage at the BYP pin is higher
than 3.2 V, the internal generator is turned off and the VCC pin is connected with an internal
switch (16
Ω typ.) to the BYP pin. This feature decreases the power dissipation of the device.
If BYP < 2.4 V, the internal switch is turned off and the VCC output is supplied with the 3.8 V
generator.
2.1.12
3.3 V linear regulator section (REF3)
The PM6644 has an integrated linear regulator (REF3) that can provide a maximum RMS
current of 5 mA. The input of the linear regulator is the BYP pin. The linear regulator is
turned on when BYP > 3.2 V. Connect pin REF3 with a 100 nF ceramic capacitor to GND.
2.1.13
General fault management: thermal protection
If the internal temperature of the device exceeds typically +150 °C, the controller shuts down
immediately all the internal circuitry. The switching section performs the soft-end
management. Toggling EN or cycling VCC < 2.1 V and then VCC > 3 V, resets the latched
fault.
Table 9.
VCC and BYP management (EN pin > 2 V)
BYP
VIN
VCC
5 V generator
Switch-over
resistance
< 2.4 V
< 6 V
VIN- 1 V
Enabled
< 2.4 V
3.8 V
Enabled
> 3.2 V
BYP
Disabled
16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com