Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 18Page - STMicroelectronics PM6644 Datasheet HTML 19Page - STMicroelectronics PM6644 Datasheet HTML 20Page - STMicroelectronics PM6644 Datasheet HTML 21Page - STMicroelectronics PM6644 Datasheet HTML 22Page - STMicroelectronics PM6644 Datasheet HTML 23Page - STMicroelectronics PM6644 Datasheet HTML 24Page - STMicroelectronics PM6644 Datasheet HTML 25Page - STMicroelectronics PM6644 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application information
PM6644
22/35
Doc ID 023203 Rev 1
.
3.1.2
Input capacitor selection
In a buck topology converter the current that flows into the input capacitor is a pulsed current
with zero average value. The input RMS current of the switching regulator can be roughly
estimated as follows:
Equation 11
where D is the duty cycles and ILOAD(max.) is the maximum load current of the switching
regulator. The input capacitor should be chosen with an RMS rated current higher than the
maximum RMS current given by the formula.
Tantalum capacitors are good in terms of low ESR and small size, but they can occasionally
burn out if subjected to very high current during the charge.
Ceramic capacitors usually have a higher RMS current rating with smaller size and they
remain the best choice. In battery-powered applications, a 1-2.2
µF input ceramic capacitor
can be enough.
Table 11 shows an example of ceramic capacitor part numbers.
3.1.3
Output capacitor selection
The controller can work with ceramic or tantalum output capacitors.
The selection of the output capacitor impacts on the stability of the controller:
Equation 12
Equation 13
Table 10.
Inductor part number
Manufacturer
Part number
Inductance
(
µH)
DCR (
Ω)
RMS current
(A)(1)
1.
40 °C temperature rise.
Saturation
current (A)(2)
2.
20% inductance drop.
Coilcraft
EPL3015-333ML
33
0.989
0.59
0.32
Coilcraft
LPS3314-333ML
33
0.92
0.58
0.38
Coilcraft
MSS5121-333ML
33
0.48
0.76
0.64
Table 11.
Input capacitor part numbers
Manufacturer
Part number
Capacitor value (
µF)
Rated voltage
TAYIO YUDEN
TMK212BJ225MG-T
2.2
25
I
CinRMS
I
LOAD max
()
D1
D
–
()
⋅
⋅
=
C
OUT
18
α
⋅
2
Π f
sw
k
⋅⋅
⋅
----------------------------------------
>
α
0.9V
V
OUT
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com