Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA139V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA139V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA139V1
Download  STEVAL-ISA139V1 Download
File Size   229.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 350 mA valley current limit adjustable step-down regulator based on the PM6644

STEVAL-ISA139V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA139V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA139V1
Download  STEVAL-ISA139V1 Click to download

File Size   229.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 350 mA valley current limit adjustable step-down regulator based on the PM6644

STEVAL-ISA139V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA139V1 Product details

Description
This product evaluation board is based on STMicroelectronics' PM6644. The device combines a 350 mA valley current limit step-down regulator with a high accuracy 3.3 V voltage reference in a small DFN10 3x3 package. The switching regulator is based on a CoT (constant on time) architecture that assures fast load transient response. The embedded voltage feed-forward provides nearly constant switching frequency operation. Pulse-skipping is employed to increase efficiency at very light load. The switching frequency can be adjusted from 200 kHz to 600 kHz by means of a simple resistor. The switching regulator can be programmed to regulate a fixed value of 3.43 V or it can deliver an adjustable voltage, depending on the FB pin setup. The high precision integrated 3.3 V reference can source up to 5 mA.




Similar Part No. - STEVAL-ISA139V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
More results


Similar Description - STEVAL-ISA139V1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
STMicroelectronics
STEVAL-ISA079V2 STMICROELECTRONICS-STEVAL-ISA079V2 Datasheet
106Kb / 4P
High-efficiency monolithic synchronous step-down regulator based on the L6928
06-Oct-2011
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
350 mA adjustable step-down regulator
19-Jun-2012
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com