Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGR72N60B3H1 Datasheet (PDF) - IXYS Corporation

IXGR72N60B3H1 Datasheet PDF - IXYS Corporation
Part # IXGR72N60B3H1
Download  IXGR72N60B3H1 Download
File Size   249.53 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 600VIGBT W/ Diode Electrically Isolated Tab

IXGR72N60B3H1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGR72N60B3H1 Datasheet PDF - IXYS Corporation

Part # IXGR72N60B3H1
Download  IXGR72N60B3H1 Click to download

File Size   249.53 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 600VIGBT W/ Diode Electrically Isolated Tab

IXGR72N60B3H1 Datasheet (HTML) - IXYS Corporation


IXGR72N60B3H1 Product details

GenX3™ 600V IGBT w/ Diode (Electrically Isolated Tab)

Medium Speed Low Vsat PT IGBT for 5-40 kHz Switching

Features
• Silicon Chip on Direct-Copper Bond (DCB) Substrate
• Isolated Mounting Surface
    Optimized for Low Conduction and
    Switching Losses
• 2500V~ Electrical Isolation
• Square RBSOA
• Anti-Parallel Ultra Fast Diode

Advantages
• High Power Density
• Low Gate Drive Requirement

Applications
• Power Inverters
• UPS
• Motor Drives
• SMPS
• PFC Circuits
• Battery Chargers
• Welding Machines
• Lamp Ballasts




Similar Part No. - IXGR72N60B3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR72N60A3 IXYS-IXGR72N60A3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGR72N60A3U1 IXYS-IXGR72N60A3U1 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGR72N60C3D1 IXYS-IXGR72N60C3D1 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results


Similar Description - IXGR72N60B3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
GenX3 1400V IGBTs w/ Diode
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
GenX3 1400V IGBTs w/ Diode
IXGH36N60B3D1 IXYS-IXGH36N60B3D1 Datasheet
180Kb / 7P
GenX3 600V IGBT w/ Diode
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
GenX3 1200V IGBTs w/ Diode
IXGR16N170AH1 IXYS-IXGR16N170AH1 Datasheet
528Kb / 2P
High Voltage IGBT with Diode Electrically Isolated Tab
logo
M.S. Kennedy Corporatio...
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5116-17 MSK-MSK5116-17_15 Datasheet
123Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5116-50 MSK-MSK5116-50_15 Datasheet
123Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5131-17 MSK-MSK5131-17_15 Datasheet
122Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5131-120 MSK-MSK5131-120_15 Datasheet
122Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com