Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560 Datasheet (PDF) - Analog Devices

AD5560 Datasheet PDF - Analog Devices
Part # AD5560
Download  AD5560 Download
File Size   1748.18 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs

AD5560 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5560 Datasheet PDF - Analog Devices

Part # AD5560
Download  AD5560 Click to download

File Size   1748.18 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs

AD5560 Datasheet (HTML) - Analog Devices


AD5560 Product details

GENERAL DESCRIPTION

The AD5560 is a high performance, highly integrated device power supply consisting of programmable force voltages and measure ranges. This part includes the required DAC levels to

set the programmable inputs for the drive amplifier, as well as clamping and comparator circuitry.



FEATURES

Programmable device power supply (DPS)

FV, MI, MV, FNMV functions

5 internal current ranges (on-chip RSENSE)

±5 µA, ±25 µA, ±250 µA, ±2.5 mA, ±25 mA

2 external high current ranges (external RSENSE)

EXTFORCE1: ±1.2 A maximum

EXTFORCE2: ±500 mA maximum

Integrated programmable levels

All 16-bit DACs: force DAC, comparator DACs, clamp DACs, offset DAC, OSD DAC, DGS DAC

Programmable Kelvin clamp and alarm

Offset and gain correction registers on-chip

Ramp mode on force DAC for power supply slewing

Programmable slew rate feature, 1 V/μs to 0.3 V/μs

DUTGND Kelvin sense and alarm

25 V FV span with asymmetrical operation within −22 V/+25 V




Similar Part No. - AD5560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5560 AD-AD5560 Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
AD5560JBCZ AD-AD5560JBCZ Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
AD5560JBCZ AD-AD5560JBCZ Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
AD5560JBCZ-REEL AD-AD5560JBCZ-REEL Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
AD5560JBCZ-REEL AD-AD5560JBCZ-REEL Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
More results


Similar Description - AD5560

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
16-Bit DACs with 16-Channel
Rev 1; 2/05
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5560JSVUZ AD-AD5560JSVUZ Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
AD5560 AD-AD5560_17 Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com