Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet (PDF) - Analog Devices

AD5560JSVUZ Datasheet PDF - Analog Devices
Part # AD5560JSVUZ
Download  AD5560JSVUZ Download
File Size   1748.18 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A Programmable Device Power Supply

AD5560JSVUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5560JSVUZ Datasheet PDF - Analog Devices

Part # AD5560JSVUZ
Download  AD5560JSVUZ Click to download

File Size   1748.18 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A Programmable Device Power Supply

AD5560JSVUZ Datasheet (HTML) - Analog Devices


AD5560JSVUZ Product details

GENERAL DESCRIPTION

The AD5560 is a high performance, highly integrated device power supply consisting of programmable force voltages and measure ranges. This part includes the required DAC levels to

set the programmable inputs for the drive amplifier, as well as clamping and comparator circuitry.



FEATURES

Programmable device power supply (DPS)

FV, MI, MV, FNMV functions

5 internal current ranges (on-chip RSENSE)

±5 µA, ±25 µA, ±250 µA, ±2.5 mA, ±25 mA

2 external high current ranges (external RSENSE)

EXTFORCE1: ±1.2 A maximum

EXTFORCE2: ±500 mA maximum

Integrated programmable levels

All 16-bit DACs: force DAC, comparator DACs, clamp DACs, offset DAC, OSD DAC, DGS DAC

Programmable Kelvin clamp and alarm

Offset and gain correction registers on-chip

Ramp mode on force DAC for power supply slewing

Programmable slew rate feature, 1 V/μs to 0.3 V/μs

DUTGND Kelvin sense and alarm

25 V FV span with asymmetrical operation within −22 V/+25 V




Similar Part No. - AD5560JSVUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5560JSVUZ AD-AD5560JSVUZ Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
AD5560JSVUZ-REEL AD-AD5560JSVUZ-REEL Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
More results


Similar Description - AD5560JSVUZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556AC ELANTEC-EL7556AC Datasheet
248Kb / 13P
Programmable CPU Power Supply Unit
logo
Extech Instruments Corp...
382280 EXTECH-382280 Datasheet
158Kb / 10P
Programmable DC Power Supply
logo
Analog Devices
AD5560 AD-AD5560 Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
AD5560 AD-AD5560_17 Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
logo
Good Will Instrument Co...
PSS-2005 GWINSTEK-PSS-2005 Datasheet
159Kb / 1P
PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Schneider Electric
ABLM1A24012 SCHNEIDER-ABLM1A24012 Datasheet
318Kb / 10P
Regulated Power Supply, 100-240V AC, 24V 1.2 A, single phase, Modular
Jun 3, 2021
ABLM1A24012 SCHNEIDER-ABLM1A24012_V01 Datasheet
335Kb / 11P
Regulated Power Supply, 100-240V AC, 24V 1.2 A, single phase, Modular
Mar 23, 2022
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
ITECH ELECTRONIC CO.,LT...
IT7300 ITECH-IT7300 Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
logo
COTEK ELECTRONIC IND. C...
AD-1500-LV COTEK-AD-1500-LV Datasheet
1Mb / 6P
1500W Programmable Digital Power Supply
2022.04
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com