Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 4Page - Analog Devices AD5560JSVUZ Datasheet HTML 5Page - Analog Devices AD5560JSVUZ Datasheet HTML 6Page - Analog Devices AD5560JSVUZ Datasheet HTML 7Page - Analog Devices AD5560JSVUZ Datasheet HTML 8Page - Analog Devices AD5560JSVUZ Datasheet HTML 9Page - Analog Devices AD5560JSVUZ Datasheet HTML 10Page - Analog Devices AD5560JSVUZ Datasheet HTML 11Page - Analog Devices AD5560JSVUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 8 of 68
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYS_FORCE
Voltage Range
AVSS
AVDD
V
Current Carrying Capability1
−25
+25
mA
Leakage Current
−2.5
+2.5
nA
SYS_FORCE high-Z, force amplifier inhibited.
Leakage Current Tempco1
±0.00
5
±0.025
nA/°C
Path On Resistance
35
Ω
AVDD = 16.5 V, AVSS = −16.5 V.
Pin Capacitance1
5
pF
SYS_DUTGND
Voltage Range
AVSS
AVDD
V
Path On Resistance
300
400
Ω
AVDD = 16.5 V, AVSS = −16.5 V.
CURRENT CLAMP
Clamp Accuracy
Programmed
clamp value
Programmed clamp
value + 10
% of FS
MI gain = 20, with clamp separation of 2 V, and
1 V separation from AGND/0 A.
Programmed
clamp value
Programmed clamp
value + 20
% of FS
MI gain = 10, with clamp separation of 2 V, and
1 V separation from AGND/0 A.
VCLL to VCLH1
2
V
10% of FSCR (MI gain = 20), 20% of FSCR (MI
gain = 10), restriction to prevent both clamps
activating together.
VCLL to 0 A1
1
V
5% of FSCR (MI gain = 20), 10% of FSCR (MI gain
= 10), restriction to avoid impinging on FV
before programmed level.
VCLH to 0 A1
1
V
5% of FSCR (MI gain 20), 10% of FSCR (MI gain =
10), restriction to avoid impinging on FV before
programmed level.
Clamp Activation Response Time1
20
100
μs
Measured from BUSY going low to visible
clamping.
Clamp Recovery1
2
5
μs
Measured from BUSY going low to visible
recovery.
Alarm Delay 1
50
μs
Time for CLALM to flag.
FORCE AMPLIFER
Slew Rate1
1
V/µs
Fastest slew rate, controlled via serial interface.
0.312
V/µs
Slowest slew rate, controlled via serial interface.
Maximum Stable Load Capacitance1
160
µF
Voltage Overshoot/Undershoot1
5
%
Of programmed value (≥1 V).
SETTLING TIME (FORCE AMPLIFER)
Compensation Register 1 = 0x4880 (229 nF to
380 nF, ESR 74 to 140 mΩ)
To within 10 mV of programmed value.
FV (1200 mA EXTFORCE1 Range)1
16
25
µs
3.7 V step, RDUT = 2.4 Ω, CDUT = 0.22 µF, full dc load.
FV (900 mA EXTFORCE1 Range)1
18
30
µs
8 V step, RDUT = 8.8 Ω, CDUT = 0.22 µF, full dc
load.
FV (500 mA EXTFORCE2 Range)1
34
53
µs
15 V step, RDUT = 30 Ω, CDUT = 0.22 µF, full dc
load.
FV (300 mA EXTFORCE2 Range)1
25
50
µs
10 V step, RDUT = 33.3 Ω, CDUT = 0.22 µF, full dc load.
FV (25 mA Range)1, 3
125
180
µs
20 V step, RDUT = 800 Ω, CDUT = 0.22 µF, full dc load.
FV (2.5 mA Range)1, 3
300
500
µs
10 V step, RDUT = 4 kΩ, CDUT = 0.22 µF, full dc load.
FV (250 µA Range)1, 3
300
500
µs
10 V step, RDUT = 40 kΩ, CDUT = 0.22 µF, full dc load.
FV (25 µA Range)1, 3
400
600
µs
10 V step, RDUT = 400 kΩ, CDUT = 0.22 µF, full dc load.
FV (5 µA Range)1, 3
20
40
µs
1 V step, RDUT = 200 kΩ, CDUT = 0.22 µF, full dc load.
Compensation Register 1 = 0x8880 (1.7 μF to
2.9 μF, ESR 74 to 140 mΩ)
FV (180 mA EXTFORCE1 Range)1
16
25
µs
3 V step, CDUT = 2.2 µF, full dc load.
FV (100 mA EXTFORCE2 Range)1
60
80
µs
8 V step, CDUT = 2.2 µF, full dc load.
Compensation Register 1 = 0xB880 (7.9μF to
13 μF, ESR 74 to 140 mΩ)
FV (180 mA EXTFORCE1 Range)1
55
70
µs
3 V step, CDUT = 10 µF, full dc load.
FV (100 mA EXTFORCE2 Range)1
210
260
µs
8 V step, CDUT = 10 µF, full dc load.
Compensation Register 1 = 0xC880 (13 μF to
22 μF, ESR 74 to 140 mΩ)
FV (180 mA EXTFORCE1 Range)1
65
80
µs
3 V step, CDUT = 20 µF, full dc load.
FV (100 mA EXTFORCE2 Range)1
310
370
µs
8 V step, CDUT = 20 µF, full dc load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com