Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 8Page - Analog Devices AD5560JSVUZ Datasheet HTML 9Page - Analog Devices AD5560JSVUZ Datasheet HTML 10Page - Analog Devices AD5560JSVUZ Datasheet HTML 11Page - Analog Devices AD5560JSVUZ Datasheet HTML 12Page - Analog Devices AD5560JSVUZ Datasheet HTML 13Page - Analog Devices AD5560JSVUZ Datasheet HTML 14Page - Analog Devices AD5560JSVUZ Datasheet HTML 15Page - Analog Devices AD5560JSVUZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 12 of 68
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Power Supply Sensitivity1
DC to 1 kHz.
ΔForced Voltage/ΔAVDD
−65
dB
−30 dB at 100 kHz.
ΔForced Voltage/ΔAVSS
−65
dB
−25 dB at 100 kHz.
ΔForced Voltage/ΔHCAVDDx
−90
dB
−60 dB at 100 kHz.
ΔForced Voltage/ΔHCAVSSx
−90
dB
−62 dB at 100 kHz.
ΔMeasured Current/ΔAVDD
−50
dB
−25 dB at 100 kHz.
ΔMeasured Current/ΔAVSS
−43
dB
−20 dB at 100 kHz.
ΔMeasured Current/ΔHCAVDDx
−90
dB
−60 dB at 100 kHz.
ΔMeasured Current/ΔHCAVSSx
−90
dB
−60 dB at 100 kHz.
ΔMeasured Voltage/ΔAVDD
−65
dB
−30 dB at 100 kHz.
ΔMeasured Voltage/ΔAVSS
−65
dB
−25 dB at 100 kHz.
ΔMeasured Voltage/ΔHCAVDDx
−90
dB
−60 dB at 100 kHz.
ΔMeasured Voltage/ΔHCAVSSx
−90
dB
−65 dB at 100 kHz.
ΔForced Voltage/ΔDVCC
−80
dB
−46 dB at 100 kHz.
ΔMeasured Current/ΔDVCC
−80
dB
−36 dB at 100 kHz.
ΔMeasured Voltage/ΔDVCC
−80
dB
−46 dB at 100 kHz.
1
Guaranteed by design and characterization, not subject to production test.
2 Programmable clamps must be enabled if taking advantage of reduced headroom/footroom.
3 Clamps disabled.
4 Not including internal pull-up current between AVDD/AVSS and HCAVDDx/HCAVSSx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com