Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 47Page - Analog Devices AD5560JSVUZ Datasheet HTML 48Page - Analog Devices AD5560JSVUZ Datasheet HTML 49Page - Analog Devices AD5560JSVUZ Datasheet HTML 50Page - Analog Devices AD5560JSVUZ Datasheet HTML 51Page - Analog Devices AD5560JSVUZ Datasheet HTML 52Page - Analog Devices AD5560JSVUZ Datasheet HTML 53Page - Analog Devices AD5560JSVUZ Datasheet HTML 54Page - Analog Devices AD5560JSVUZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 51 of 68
Register 0x6 allows the user to enable or disable any of the alarm flags that are not required. If disabled, that particular alarm no longer
flags on the appropriate open-drain pin; however, the alarm status is still available in both of the alarm status registers (Address 0x43 and
Address 0x44).
Table 22. Alarm Setup Register
Address
Default
Data Bits, MSB First
0x6
0x0000
Bit
Name
Function
15
Latched
TMPALM
Set this latched bit high to program the open-drain TMPALM alarm pin as a latched output;
leave low for an unlatched alarm pin (default).
14
Disable
TMPALM
Set this bit high to disable the open-drain TMPALM alarm pin; leave low to leave enabled (default).
13
Latched
OSALM
Set this latched bit high to program the OSALM as a latched alarm on the open-drain KELALM
pin; leave low for an unlatched alarm pin (default).
12
Disable
OSALM
Set this bit high to disable the OSALM alarm function flagging the open-drain KELALM pin;
leave low to remain enabled (default). The disable GRDALM, DUTALM, and OSALM alarm
functions share one open-drain KELALM alarm pin. These bits allow users to choose if they wish
to have all or selected information flagged to the alarm pin.
11
Latched
DUTALM
Set this latched bit high to program the DUTALM as a latched alarm on the open-drain KELALM
pin; leave low for an unlatched alarm pin (default).
10
Disable
DUTALM
Set this bit high to disable the DUTALM alarm function flagging the open-drain KELALM pin.
Leave low to leave enabled (default). The disable GRDALM, DUTALM, and OSALM alarm
functions share one open drain KELALM alarm pin. These bits allow users to choose if they wish
to have all or any information flagged to the alarm pin. The DUTGND pin has a 50 µA pull-up to
allow for detection of an error in the DUTGND path. Setting this bit high also disables the 50 µA
pull-up.
9
Latched
CLALM
Set this latched bit high to program the open-drain CLALM clamp alarm pin as a latched
output; leave low for an unlatched alarm pin (default).
8
Disable
CLALM
Set this bit high to disable the open drain CLALM alarm pin; leave low to leave enabled (default).
7
Latched
GRDALM
Set this latched bit high to program the GRDALM as a latched alarm on the open-drain KELALM
pin; leave low for an unlatched alarm pin (default).
6
Disable
GRDALM
Set this bit high to disable the GRDALM alarm function flagging the open-drain KELALM pin;
leave low to leave enabled (default). The disable GRDALM, DUTALM and OSALM alarm functions
share one open-drain KELALM alarm pin. These bits allow users to choose if they wish to have
all or any information flagged to the KELALM alarm pin.
5:0
Unused
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com