Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 30Page - Analog Devices AD5560JSVUZ Datasheet HTML 31Page - Analog Devices AD5560JSVUZ Datasheet HTML 32Page - Analog Devices AD5560JSVUZ Datasheet HTML 33Page - Analog Devices AD5560JSVUZ Datasheet HTML 34Page - Analog Devices AD5560JSVUZ Datasheet HTML 35Page - Analog Devices AD5560JSVUZ Datasheet HTML 36Page - Analog Devices AD5560JSVUZ Datasheet HTML 37Page - Analog Devices AD5560JSVUZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 34 of 68
VMIN is another inportant voltage level that is used in other
parts of the circuit. When using a MEASOUT gain of 0.2, the
VMIN level is used to scale the voltage range; therefore, when
choosing supply rails, it is very important to ensure that there
is sufficient footroom so that the VMIN level is not impinged
on (the high voltage DAC amplifiers used here require
approximately 2 V footroom to AVSS). See the Choosing
AVDD/AVSS Power Supply Rails section for more information.
VMIN = −5.125 × VREF × (OFFSET_DAC_CODE/216)
Table 9. MEASOUT Output Ranges
MEASOUT Function
GAIN1 = 0, MEASOUT Gain = 1
Transfer Function
Output Voltage Range1
Offset DAC =
0x0
Offset DAC = 0x8000
Offset DAC = 0xE000
Measure Voltage (MV)
±V
DUT
0 V to 25.62 V
±12.81 V
−22.42 V to +3.2 V
Measure
Current
(MI)
GAIN0 = 0
MI gain = 20
(I
DUT × RSENSE × 20) + VMID
0 V to 25.62 V
±12.81 V
−22.42 V to +3.2 V
GAIN0 = 1
MI gain = 10
(I
DUT × RSENSE × 10) + VMID
0 V to 12.81 V
(V
REF = 2.5 V)
±6.4 V
(V
REF = 2.5 V)
−11.2 V to +1.6 V
(V
REF = 2.5 V)
1 VREF = 5 V, unless otherwise noted.
Table 10.
MEASOUT Function
GAIN1 = 1, MEASOUT Gain = 0.2
Transfer Function
Output Voltage Range1, 2
Measure Voltage (MV)
MV = 0.2 × (V
DUT − VMIN)
0 V to 5.12 V (±2.56 V centered around 2.56 V)
(includes overrange)
Measure
Current
(MI)
GAIN0 = 0
MI gain = 20
(I
DUT × RSENSE × 20 × 0.2) + 0.5125 × VREF
0 V to 5.12 V (±2.56 V centered around 2.56 V)
(includes overrange)
GAIN0 = 1
MI gain = 10
(I
DUT × RSENSE × 10 × 0.2) + 0.5125 × VREF
1.28 V to 3.84 V (±1.28 V, centered around 2.56 V)
0 V to 2.56 V (±1.28 V, centered around 1.28 V)
(V
REF = 2.5 V)
1 VREF = 5 V, unless otherwise noted.
2 The offset DAC setting has no effect on the output voltage range.
Table 11. Possible ADCs and ADC Drivers for Use with AD55601
Part
No.
Resolution
Sample
Rate
Channels
AIN Range2
Interface
ADC Driver
Multiplexer3
Package
AD7685
16
250 kSPS
1
0 to VREF
Serial, SPI
ADA4841-x
ADG704, ADG708
MSOP,
LFCSP
AD7686
16
500 kSPS
1
0 to VREF
Serial, SPI
ADA4841-x
ADG704, ADG708
MSOP,
LFCSP
AD7693
16
500 kSPS
1
−VREF to +VREF
Serial, SPI
ADA4841-x,
ADA4941-1
ADG1404,
ADG1408,
ADG1204
MSOP,
LFCSP
AD7610
16
250 kSPS
1
Bipolar 10 V, bipolar
5 V, unipolar 10 V,
unipolar 5 V
Serial, parallel
AD8021
AD1404, ADG1408,
ADG1204
LFCSP,
LQFP
AD7655
16
1 MSPS
4
0 V to 5 V
Serial, SPI
ADA4841-x/
AD8021
LQFP,
LFCSP
1 Subset of the possible ADCs, ADC drivers, and multiplexers suitable for use with the AD5560. Visit http://www.analog.com for more options.
2 Do not allow the MEASOUT output range to exceed the AIN range of the ADC.
3 For the purposes of sharing ADCs among multiple DPS channels, note that the multiplexer is not absolutely necessary because the AD5560 MEASOUT path has a
tristate mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com