Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 19Page - Analog Devices AD5560JSVUZ Datasheet HTML 20Page - Analog Devices AD5560JSVUZ Datasheet HTML 21Page - Analog Devices AD5560JSVUZ Datasheet HTML 22Page - Analog Devices AD5560JSVUZ Datasheet HTML 23Page - Analog Devices AD5560JSVUZ Datasheet HTML 24Page - Analog Devices AD5560JSVUZ Datasheet HTML 25Page - Analog Devices AD5560JSVUZ Datasheet HTML 26Page - Analog Devices AD5560JSVUZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 23 of 68
–0.007
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0
25
35
45
55
65
75
85
TEMPERATURE (°C)
HIGH
NOMINAL
LOW
Figure 26. MV Gain Error vs. Temperature, MEASOUT Gain = 1
25
35
45
55
65
75
85
LOW
HIGH
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
NOMINAL
Figure 27. MV Offset Error vs. Temperature, MEASOUT Gain = 1
0
0.005
0.010
0.015
0.020
0.025
0.030
25
35
45
55
65
75
85
TEMPERATURE (°C)
HIGH
NOMINAL
LOW
Figure 28. MV Gain Error vs. Temperature, MEASOUT Gain = 0.2
–5
–4
–3
–2
–1
0
1
2
3
4
5
25
35
45
55
65
75
85
TEMPERATURE (°C)
HIGH
NOMINAL
LOW
Figure 29. MV Offset Error vs. Temperature, MEASOUT Gain = 0.2
CH1 50mV
CH3 5V
M200µs
A CH3
1.5V
1
3
T 10.4%
CH1 p-p
27mV
CH1 AREA
10.92µVs
B
W
B
W
FORCE
SYNC
Figure 30. Range Change 2.5 mA to 25 mA, Safe Mode, 2.5 mA ILOAD,10 μF Load
CH1 50mV
CH3 5V
M200µs
A CH3
1.5V
1
3
T 10.4%
CH1 p-p
16mV
CH1 AREA
–5.336µVs
B
W
B
W
FORCE
SYNC
Figure 31. Range Change 25 mA to 2.5 mA, Safe Mode, 2.5 mA ILOAD,10 μF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com