Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 40Page - Analog Devices AD5560JSVUZ Datasheet HTML 41Page - Analog Devices AD5560JSVUZ Datasheet HTML 42Page - Analog Devices AD5560JSVUZ Datasheet HTML 43Page - Analog Devices AD5560JSVUZ Datasheet HTML 44Page - Analog Devices AD5560JSVUZ Datasheet HTML 45Page - Analog Devices AD5560JSVUZ Datasheet HTML 46Page - Analog Devices AD5560JSVUZ Datasheet HTML 47Page - Analog Devices AD5560JSVUZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 44 of 68
SERIAL INTERFACE
The AD5560 contains an SPI-compatible interface operating at
clock frequencies of up to 50 MHz. To minimize both the
power consumption of the device and on-chip digital noise, the
interface powers up fully only when the device is being written
to, that is, on the falling edge of SYNC.
SPI INTERFACE
The serial interface is 2.5 V LVTTL-compatible when operating
from a 2.3 V to 3.6 V DVCC supply. It is controlled by the
following four pins:
•
SYNC (frame synchronization input)
•
SDI (serial data input pin)
•
SCLK (clocks data in and out of the device)
•
SDO (serial data output pin for data readback)
SPI WRITE MODE
The AD5560 allows writing of data via the serial interface to
every register directly accessible to the serial interface, which
is all registers except the DAC registers.
The serial word is 24 bits long. The serial interface works with
both a continuous and a burst (gated) serial clock. Serial data
applied to SDI is clocked into the AD5560 by clock pulses applied
to SCLK. The first falling edge of SYNC starts the write cycle.
At least 24 falling clock edges must be applied to SCLK to clock
in 24 bits of data before SYNC is taken high again.
The input register addressed is updated on the rising edge of
SYNC. For another serial transfer to take place, SYNC must be
taken low again.
SDO OUTPUT
The SDO output in the AD5560 is a weak/slow output driver.
If using readback or the daisy-chain function, the frequency of
SCLK must be reduced so that SDO can operate properly. The
SCLK frequency is dependent on the DVCC supply voltage used;
see Table 2 for details and the following example:
Maximum SCLK = 12 MHz, then DVCC = 2.3 V to 2.7 V
Maximum SCLK = 15 MHz, then DVCC = 2.7 V to 3.3 V
Maximum SCLK = 20 MHz, then DVCC = 4.5 V to 5.5 V
RESET FUNCTION
RESET is a level-sensitive input. Bringing the RESET line low
resets the contents of all internal registers to their power-on
reset state. The falling edge of RESET initiates the reset process;
BUSY goes low for the duration, returning high when the
RESET process is complete. This sequence takes 300 µs
maximum. Do not write to the serial interface while BUSY
is low handling a RESET command. When BUSY returns high,
normal operation resumes, and the status of the RESET pin is
ignored until it goes low again.
BUSY FUNCTION
BUSY is a digital open-drain output that indicates the status of
the AD5560. All writes drive the BUSY output low for some
period of time; however, events that use the calibration engine,
such as all DAC x1 writes, drive it lower for a longer period of
time while the calculations are completed.
For the DACs, the value of the internal data (x2) loaded to the
DAC data register is calculated each time the user writes new
data to the corresponding x1 register. During the calculation
of x2, the BUSY output goes low and x2 writes are pipelined;
therefore, x2 writes can still be presented to the device while
BUSY is still low (see the Register Update Rates section). The
DAC outputs update immediately after BUSY goes high.
Writes to other registers must be handled differently and
should either watch the BUSY pin or be timed. While BUSY
is low, the user can continue writing new data to any control
register, m register, or c register but should not complete the
writing process (SYNC returning high) until the BUSY signal
has returned high.
BUSY also goes low during power-on reset, as well as when a
low level is detected on the RESET pin.
BUSY writes to the system control register, compensation
register, alarm register, and diagnostic register; m or c registers
do not involve the calibration engine, thus speeding up writing
to the device.
LOAD FUNCTION
The AD5560 device contains a function with which updates
to multiple devices can be synchronized using the LOAD
function. There is not a dedicated pin available for this
function; however, either the CLEN or HW_INH pin can
be used as a LOAD input (selection is made in the system
control register, Address 0x1, Bits[8:7]).
When selected as the LOAD function, the pin no longer
operates in its previous function (power-on default for each
of these pins is a CLEN or HW_INH function).
The LOAD function controls the following registers:
•
0x8 FIN DAC x2 register
•
0xD CLL DAC x2 register
•
0x10 CLH DAC x2 register
•
0x4 Compensation Register 1
•
0x5 Compensation Register2
•
0x2 DPS Register1 (only current ranges, Bits[13:11])
There is, however, an alternate method for updating and using
the CLEN and HW_INH pins in their normal function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com