Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 14Page - Analog Devices AD5560JSVUZ Datasheet HTML 15Page - Analog Devices AD5560JSVUZ Datasheet HTML 16Page - Analog Devices AD5560JSVUZ Datasheet HTML 17Page - Analog Devices AD5560JSVUZ Datasheet HTML 18Page - Analog Devices AD5560JSVUZ Datasheet HTML 19Page - Analog Devices AD5560JSVUZ Datasheet HTML 20Page - Analog Devices AD5560JSVUZ Datasheet HTML 21Page - Analog Devices AD5560JSVUZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 18 of 68
9
8
7
6
5
4
3
2
1
EXTFORCE1A
EXTFORCE1A
EXTFORCE2A
EXTFORCE1B
EXTFORCE1B
EXTFORCE2B
EXTFORCE1C
EXTFORCE1C
GPO
HCAVDD1A
HCAVSS1A
HCAVDD2A
HCAVDD1B
HCAVSS1B
HCAVDD2B
HCAVDD1C
HCAVSS1C
CLALM
HCAVDD1A
HCAVSS1A
HCAVSS2A
HCAVDD1B
HCAVSS1B
HCAVSS2B
HCAVDD1C
HCAVSS1C
KELALM
AVDD
EXTMEASIH1
EXTMEASIH2
CPOL
CPOH/CPO
TMPALM
AVSS
AGND
GUARD/
SYS_DUTGND
DVCC
SDO
BUSY
DUTGND
EXTMEASIL
SENSE
SDI
SCLK
DGND
CF0
CF2
SYS_FORCE
SYS_SENSE
CC0
AVSS
RESET
RCLK
SYNC
CF1
CF3
SLAVE_IN
MASTER_OUT
CC1
MEASOUT
AVDD
VREF
CLEN/
LOAD
CF4
AVDD
FORCE
CC2
CC3
AVSS
AGND
REFGND
HW_INH/
LOAD
3 × 3 ARRAY IS VOID OF BALLS
A
B
C
D
E
F
G
H
J
Figure 7. Flip-Chip BGA Pin Configuration, Bottom Side (BGA Balls Are Visible)
Table 5. Flip-Chip BGA Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
GPO
Extra Logic Output Bit. Ideal for external functions such as switching out a decoupling capacitor at DUT.
A2, A3
EXTFORCE1C
Output Force. These pins are used for high Current Range 1, up to a maximum of ±1.2 A.
A4
EXTFORCE2B
Output Force. This pin is used for high Current Range 2, up to a maximum of ±500 mA.
A5, A6
EXTFORCE1B
Output Force. These pins are used for high Current Range 1, up to a maximum of ±1.2 A.
A7
EXTFORCE2A
Output Force. This pin is used for high Current Range 2, up to a maximum of ±500 mA.
A8, A9
EXTFORCE1A
Output Force. These pins are used for high Current Range 1, up to a maximum of ±1.2 A.
B1
CLALM
Clamp Alarm Output. Open-drain output, active low; this pin can be programmed to be either latched or
unlatched.
B2, C2
HCAVSS1C
High Current Negative Analog Supply Voltage for EXTFORCE1 Range.
B3, C3
HCAVDD1C
High Current Positive Analog Supply Voltage for EXTFORCE1 Range.
B4
HCAVDD2B
High Current Positive Analog Supply Voltage for EXTFORCE2 Range.
B5, C5
HCAVSS1B
High Current Negative Analog Supply Voltage for EXTFORCE1 Range.
B6, C6
HCAVDD1B
High Current Positive Analog Supply Voltage for EXTFORCE1 Range.
B7
HCAVDD2A
High Current Positive Analog Supply Voltage for EXTFORCE2 Range.
B8, C8
HCAVSS1A
High Current Negative Analog Supply Voltage for EXTFORCE1 Range.
B9, C9
HCAVDD1A
High Current Positive Analog Supply Voltage for EXTFORCE1 Range.
C1
KELALM
Kelvin Alarm Pin for SENSE and DUTGND, Open-Drain Active Low. This pin can be programmed to be either
latched or unlatched.
C4
HCAVSS2B
High Current Negative Analog Supply Voltage for EXTFORCE2 Range.
C7
HCAVSS2A
High Current Negative Analog Supply Voltage for EXTFORCE2 Range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com