Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 11Page - Analog Devices AD5560JSVUZ Datasheet HTML 12Page - Analog Devices AD5560JSVUZ Datasheet HTML 13Page - Analog Devices AD5560JSVUZ Datasheet HTML 14Page - Analog Devices AD5560JSVUZ Datasheet HTML 15Page - Analog Devices AD5560JSVUZ Datasheet HTML 16Page - Analog Devices AD5560JSVUZ Datasheet HTML 17Page - Analog Devices AD5560JSVUZ Datasheet HTML 18Page - Analog Devices AD5560JSVUZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 15 of 68
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AVDD to AVSS
34 V
AVDD to AGND
−0.3 V to +34 V
AVSS to AGND
−34 V to +0.3 V
HCAVDDx to HCAVSSx
34 V
HCAVDDx to AGND
−0.3 V to +34 V
HCAVSSx to AGND
−34 V to +0.3 V
HCAVDDx to AVSS
−0.3 V to AVSS + 34 V
HCAVDDx to AVDD
−0.3 V to AVDD + 0.3 V
HCAVSSx to AVSS
+0.3 V to AVSS − 0.3 V
DVCC to DGND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
REFGND to AGND
−0.3 V to +0.3 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V
Analog Inputs to AGND
AVSS − 0.3 V to AVDD + 0.3 V
EXTFORCE1 and EXTFORCE2 to AGND1
AVDD − 28 V
Storage Temperature
−65°C to +125°C
Operating Junction Temperature
25°C to 90°C
Reflow Profile
J-STD 20 (JEDEC)
Junction Temperature
150°C max
Power Dissipation
10 W max (EXTFORCE1 stage)
5 W max (EXTFORCE2 stage)
ESD
HBM
1500 V
FICDM
500 V
1 When an EXTFORCE1 or EXTFORCE2 stage is enabled and the supply differ-
ential |AVDD − AVSS| > 28 V, take care to ensure that these pins are not directly
shorted to AVSS voltage at any time because this can cause damage to the device.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com