Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 51Page - Analog Devices AD5560JSVUZ Datasheet HTML 52Page - Analog Devices AD5560JSVUZ Datasheet HTML 53Page - Analog Devices AD5560JSVUZ Datasheet HTML 54Page - Analog Devices AD5560JSVUZ Datasheet HTML 55Page - Analog Devices AD5560JSVUZ Datasheet HTML 56Page - Analog Devices AD5560JSVUZ Datasheet HTML 57Page - Analog Devices AD5560JSVUZ Datasheet HTML 58Page - Analog Devices AD5560JSVUZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 55 of 68
Address
Register
Default
Data Bits, MSB First
0x3C
CPH DAC c EXT Range 1
0x8000
D15 to D0.
0x3D
DGS DAC
0x3333
D15 to D0 DUTGND SENSE DAC, 0 V to 5 V range.
0x3E
Ramp end code
0x0000
D15 to D0; this is the ramp end code. The ramp start code is the code that is in the FIN
DAC register.
0x3F
Ramp step size
0x0001
0000 0000 D6 to D0.
D6:D0 set the ramp step size in increments of 16 LSB per code, with a 5 V reference,
16 LSB = 6.1 mV.
For example,
000 0000 = 16 LSBs (6.1 mV) step
000 0001 = 16 LSBs (6.1 mV) step
…
111 1111 = 2032 LSBs (775 mV) step.
0x40
RCLK divider
0x0001
0000 0000 D7 to D0.
D7:D0 set the RCLK divider.
0000 0000 = ÷ 1
0000 0001 = ÷ 1
0000 0010 = ÷ 2
0000 0011 = ÷ 3
…
1111 1111 = ÷ 255
0x41
Enable ramp
0x0000
0xFFFF to enable.
0x42
Interrupt ramp
0x0000
0x0000 to interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com