Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 45Page - Analog Devices AD5560JSVUZ Datasheet HTML 46Page - Analog Devices AD5560JSVUZ Datasheet HTML 47Page - Analog Devices AD5560JSVUZ Datasheet HTML 48Page - Analog Devices AD5560JSVUZ Datasheet HTML 49Page - Analog Devices AD5560JSVUZ Datasheet HTML 50Page - Analog Devices AD5560JSVUZ Datasheet HTML 51Page - Analog Devices AD5560JSVUZ Datasheet HTML 52Page - Analog Devices AD5560JSVUZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 49 of 68
The AD5560 has three compensation modes. The power-on default mode is SAFEMODE enabled. This ensures that the device is stable
into any load. Use Compensation Register 1 to configure the device for autocompensation, where the user inputs the CDUT and ESR
bits, and the AD5560 chooses the most appropriate compensation scheme for these load conditions.
Table 20. Compensation Register 1
Address
Default
Data Bits, MSB First
0x4
0x0000
Bit
Name
Function
15
14
13
12
CDUT[3:0]
Use these control bits to tell the device how much capacitive load there is so that the device can
optimize the compensation used. Do not overestimate CDUT because this can cause oscillations.
Underestimating CDUT gives suboptimal but stable performance.
CDUT
CDUT Min
CDUT Max
0
0 nF
50 nF
1
50 nF
83 nF
2
83 nF
138 nF
3
138 nF
229 nF
4
229 nF
380 nF
5
380 nF
630 nF
6
630 nF
1.1 µF
7
1.1 µF
1.7 µF
8
1.7 µF
2.9 µF
9
2.9 µF
4.8 µF
10
4.8 µF
7.9 µF
11
7.9 µF
13 µF
12
13 µF
22 µF
13
22 µF
36 µF
14
36 µF
60 µF
15
60 µF
160 µF
11
10
9
8
ESR[3:0]
Use these control bits to tell the device how much ESR there is in series with CDUT so that the device can
optimize the compensation used. Do not underestimate ESR because this can cause oscillations.
Overestimating ESR gives suboptimal but stable performance.
ESR
ESR Min
ESR Max
0
0 mΩ
1 mΩ
1
1 mΩ
1.8 mΩ
2
1.8 mΩ
3.4 mΩ
3
3.4 mΩ
6.3 mΩ
4
6.3 mΩ
12 mΩ
5
12 mΩ
21 mΩ
6
21 mΩ
40 mΩ
7
40 mΩ
74 mΩ
8
74 mΩ
140 mΩ
9
140 mΩ
250 mΩ
10
250 mΩ
460 mΩ
11
460 mΩ
860 mΩ
12
860 mΩ
1500 mΩ
13
1500 mΩ
2900 mΩ
14
2900 mΩ
5400 mΩ
15
6400 mΩ
10,000 mΩ
7
SAFEMODE
SAFEMODE = 0 overrides values in Compensation Register 1 to make the force amplifier stable under
most load conditions. This mode is useful if it is unknown what the DPS is driving, but it does result in an
extremely slow response. The default operation on power-on or reset is SAFEMODE.
SAFEMODE settings are always gm[1:0] = 2, RP[2:0] = 0, RZ[2:0] = 0, CC[3:1] = 111, CF[2:0] = 5, and CC0 = 1.
Set this bit high to enable autocompensation.
6:0
Reserved
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com