Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 2Page - Analog Devices AD5560JSVUZ Datasheet HTML 3Page - Analog Devices AD5560JSVUZ Datasheet HTML 4Page - Analog Devices AD5560JSVUZ Datasheet HTML 5Page - Analog Devices AD5560JSVUZ Datasheet HTML 6Page - Analog Devices AD5560JSVUZ Datasheet HTML 7Page - Analog Devices AD5560JSVUZ Datasheet HTML 8Page - Analog Devices AD5560JSVUZ Datasheet HTML 9Page - Analog Devices AD5560JSVUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 6 of 68
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Measure Current Ranges
Specified current ranges with VREF = 5 V and MI
gain = 20, or with VREF = 2.5 V and MI gain = 5.
±5
µA
Set using internal sense resistor.
±25
µA
Set using internal sense resistor.
±250
µA
Set using internal sense resistor.
±2.5
mA
Set using internal sense resistor.
±25
mA
Set using internal sense resistor.
±500
mA
EXTFORCE2, set by user with external sense
resistor, limited by headroom requirements
and maximum power dissipation.
±120
0
mA
EXTFORCE1, set by user with external sense
resistor, limited by headroom requirements
and maximum power dissipation.
MEASURE CURRENT
All offset DAC/supply combinations settings, all
gain settings are measure current = (IDUT ×
RSENSE × MI gain), unless otherwise noted.
Differential Input Voltage Range1
−0.64
+0.64
V
Maximum voltage across RSENSE, MI gain = 20.
−0.7
+0.7
V
Maximum voltage across RSENSE, MI gain = 10.
Output Voltage Span1
25
V
Measure current block alone (internal node).
Offset Error
−1
+1
% FSC
At 0 A, MI gain = 20, MEASOUT gain = 1.
Offset Error Tempco1
−1
ppm of FSC/°C
Standard deviation = 13 ppm/°C.
Offset Error
−1.5
+1.5
% FSC
At 0 A, MI gain = 10, MEASOUT gain = 1.
Offset Error Tempco1
−1
ppm of FSC/°C
Standard deviation = 13 ppm/°C.
Offset Error
−1.5
+1.5
% FSC
At 0 A, MI gain = 20, MEASOUT gain = 0.2.
Offset Error Tempco1
3
ppm of FSC/°C
Standard deviation = 13 ppm/°C.
Offset Error
−3
+3
% FSC
At 0 A, MI gain = 10, MEASOUT gain = 0.2.
Offset Error Tempco1
8
ppm of FSC/°C
Standard deviation = 15 ppm/°C.
Gain Error
−2
+2
% FSC
Internal current ranges, all gain settings.
Gain Error1
−1
+1
% FSC
External current ranges, excluding RSENSE.
Gain Error Tempco1
20
ppm/°C
Standard deviation = 5 ppm/°C.
MEASOUT Gain = 1
All supply conditions.
Linearity Error
−0.01
+0.01
% FSCR
MI gain = 20 and 10.
MEASOUT Gain = 0.2
Nominal supply (±16.5 V, 0x8000 offset DAC).
Linearity Error
−0.06
+0.06
% FSCR
MI gain = 20.
Linearity Error
−0.05
+0.05
% FSCR
MI gain = 10.
MEASOUT Gain = 0.2
Low supply (−25 V/+8 V, 0xD4EB offset DAC).
Linearity Error
−0.125
+0.125
% FSCR
MI gain = 20.
Linearity Error
−0.175
+0.175
% FSCR
MI gain = 10.
MEASOUT Gain = 0.2
High supply (−5 V/+28 V, 0xD1D offset DAC).
Linearity Error
−0.0875
+0.0875
% FSCR
MI gain = 20.
Linearity Error
−0.1
+0.1
% FSCR
MI gain = 10.
Common-Mode Error
−0.005
+0.005
%FSVR/V
% of FS change at measure output per volts
change in DUT voltage.
NSD1
900
nV/√Hz
MI gain = 20, MEASOUT gain = 1, measured at
MEASOUT @ 1 kHz, inputs grounded.
550
nV/√Hz
MI gain = 10, MEASOUT gain = 1, measured at
MEASOUT @ 1 kHz, inputs grounded.
170
nV/√Hz
MI gain = 20, MEASOUT gain = 0.2, measured at
MEASOUT @ 1 kHz, inputs grounded.
110
nV/√Hz
MI gain = 10, MEASOUT gain = 0.2, measured at
MEASOUT @ 1 kHz, inputs grounded.
MEASURE VOLTAGE
MEASOUT Gain 1 and MEASOUT Gain 0.2.
Measure Voltage Range1
AVSS + 2.75
AVDD − 2.75
V
All voltage ranges.
Gain Error
−0.1
+0.1
% FS
Gain Error Tempco1
3
ppm/°C
Standard deviation = 2 ppm/°C.
MEASOUT Gain = 1
Linearity Error
−2
+2
mV
Offset Error
−12
+12
mV
Offset Error Tempco1
2
µV/°C
Standard deviation = 12 µV/°C.
NSD1
100
nV/√Hz
@ 1 kHz, at MEASOUT, inputs grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com