Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFI130N10F3 Datasheet (PDF) - STMicroelectronics

STFI130N10F3 Datasheet PDF - STMicroelectronics
Part # STFI130N10F3
Download  STFI130N10F3 Download
File Size   1219.28 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 100 V, 7.8 m廓 typ., 120 A STripFET?줚II Power MOSFET in TO-220FP, I짼PAKFP, H짼PAK-2 and TO-220 packages

STFI130N10F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STFI130N10F3 Datasheet PDF - STMicroelectronics

Part # STFI130N10F3
Download  STFI130N10F3 Click to download

File Size   1219.28 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 100 V, 7.8 m廓 typ., 120 A STripFET?줚II Power MOSFET in TO-220FP, I짼PAKFP, H짼PAK-2 and TO-220 packages

STFI130N10F3 Datasheet (HTML) - STMicroelectronics


STFI130N10F3 Product details

Description
These devices are N-channel enhancement mode Power MOSFETs produced using STMicroelectronics’ STripFET™ III technology, which is specifically designed to minimize on-resistance and gate charge to provide superior switching performance.

Features
■ Ultra low on-resistance
■ 100% avalanche tested

Applications
■ High current switching applications




Similar Part No. - STFI130N10F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STFI13N65M2 STMICROELECTRONICS-STFI13N65M2 Datasheet
570Kb / 15P
Zener-protected
18-Dec-2014
STFI13N80K5 STMICROELECTRONICS-STFI13N80K5 Datasheet
1Mb / 13P
N-channel 800 V, 0.37 ??typ.,12 A MDmesh™K5 Power MOSFET in an I²PAKFP package
04-Dec-2014
STFI13N95K3 STMICROELECTRONICS-STFI13N95K3 Datasheet
861Kb / 19P
N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
21-Jun-2012
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
N-channel 600 V, 0.48 Ω, 13 A, Zener-protected SuperMESH™Power MOSFET in I²PAKFP package
20-Mar-2012
More results


Similar Description - STFI130N10F3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 Ω typ., 11 A MDmesh™II Power MOSFET in DPAK, TO-220FP, I²PAKFP and TO-220 packages
15-Jul-2013
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STP1N105K3 STMICROELECTRONICS-STP1N105K3 Datasheet
673Kb / 18P
N-channel 1050 V, 8 Ω typ., 1.4 A SuperMESH3™ Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
23-Jan-2013
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
July 2015 Rev 2
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
N-channel 620 V, 0.95 Ω typ., 7.0 A Power MOSFET in I²PAKFP and TO-220
28-Aug-2013
STH110N10F7-2 STMICROELECTRONICS-STH110N10F7-2 Datasheet
863Kb / 19P
N-channel 100 V, 4.9 mΩ typ.,110 A, STripFET™ F7 Power MOSFETs in H²PAK-2 and H²PAK-6 packages
26-Nov-2014
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFETs in TO-220FP and I²PAKFP packages
25-Jul-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com