Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFI130N10F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFI130N10F3
Description  N-channel 100 V, 7.8 m廓 typ., 120 A STripFET?줚II Power MOSFET in TO-220FP, I짼PAKFP, H짼PAK-2 and TO-220 packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI130N10F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STFI130N10F3 Datasheet HTML 1Page - STMicroelectronics STFI130N10F3 Datasheet HTML 2Page - STMicroelectronics STFI130N10F3 Datasheet HTML 3Page - STMicroelectronics STFI130N10F3 Datasheet HTML 4Page - STMicroelectronics STFI130N10F3 Datasheet HTML 5Page - STMicroelectronics STFI130N10F3 Datasheet HTML 6Page - STMicroelectronics STFI130N10F3 Datasheet HTML 7Page - STMicroelectronics STFI130N10F3 Datasheet HTML 8Page - STMicroelectronics STFI130N10F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
November 2012
Doc ID 018492 Rev 3
1/23
23
STF130N10F3, STFI130N10F3,
STH130N10F3-2, STP130N10F3
N-channel 100 V, 7.8 m
Ω typ., 120 A STripFET™III Power MOSFET
in TO-220FP, I²PAKFP, H²PAK-2 and TO-220 packages
Datasheet — production data
Features
■ Ultra low on-resistance
■ 100% avalanche tested
Applications
■ High current switching applications
Description
These devices are N-channel enhancement mode
Power MOSFETs produced using
STMicroelectronics’ STripFET™ III technology,
which is specifically designed to minimize on-
resistance and gate charge to provide superior
switching performance.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max.
ID
STF130N10F3
100 V
9.6 m
Ω
46 A
STFI130N10F3
STH130N10F3-2
9.3 m
Ω
120 A
STP130N10F3
9.6 m
Ω
1
2
3
TAB
1
2
3
TO-220FP
TO-220
1
2
TAB
3
H²PAK-2
1
2
3
I²PAKFP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF130N10F3
130N10F3
TO-220FP
Tube
STFI130N10F3
I²PAKFP
Tube
STH130N10F3-2
H²PAK-2
Tape and reel
STP130N10F3
TO-220
Tube
www.st.com


Similar Part No. - STFI130N10F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STFI13N65M2 STMICROELECTRONICS-STFI13N65M2 Datasheet
570Kb / 15P
Zener-protected
18-Dec-2014
STFI13N80K5 STMICROELECTRONICS-STFI13N80K5 Datasheet
1Mb / 13P
N-channel 800 V, 0.37 ??typ.,12 A MDmesh™K5 Power MOSFET in an I²PAKFP package
04-Dec-2014
STFI13N95K3 STMICROELECTRONICS-STFI13N95K3 Datasheet
861Kb / 19P
N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
21-Jun-2012
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
N-channel 600 V, 0.48 Ω, 13 A, Zener-protected SuperMESH™Power MOSFET in I²PAKFP package
20-Mar-2012
More results

Similar Description - STFI130N10F3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 Ω typ., 11 A MDmesh™II Power MOSFET in DPAK, TO-220FP, I²PAKFP and TO-220 packages
15-Jul-2013
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STP1N105K3 STMICROELECTRONICS-STP1N105K3 Datasheet
673Kb / 18P
N-channel 1050 V, 8 Ω typ., 1.4 A SuperMESH3™ Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
23-Jan-2013
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
July 2015 Rev 2
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
N-channel 620 V, 0.95 Ω typ., 7.0 A Power MOSFET in I²PAKFP and TO-220
28-Aug-2013
STH110N10F7-2 STMICROELECTRONICS-STH110N10F7-2 Datasheet
863Kb / 19P
N-channel 100 V, 4.9 mΩ typ.,110 A, STripFET™ F7 Power MOSFETs in H²PAK-2 and H²PAK-6 packages
26-Nov-2014
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFETs in TO-220FP and I²PAKFP packages
25-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com