Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT136 Datasheet (PDF) - Coto Technology

CT136 Datasheet PDF - Coto Technology
Part # CT136
Download  CT136 Download
File Size   366.89 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 60V Maximum

CT136 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT136 Datasheet PDF - Coto Technology

Part # CT136
Download  CT136 Click to download

File Size   366.89 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 60V Maximum

CT136 Datasheet (HTML) - Coto Technology


CT136 Product details

CotoMOS® CT136/CS136
Te CT136 and CS136 combine Coto quality and economy in an industry standard 6 pin DIP package. Both the CT136 and the CS136 offer low on resistance and high load current. Te CT136 utilizes a thru hole lead confguration, while the CS136 offers a surface mount option when the application requires it. Both relays are ideally suited to the needs of Test and Measurement, Industrial, and Telecommunications.

CT136/CS136 Features
► Contact Form: 1A
► Load Voltage: 60V Maximum
► Operation LED Current: 3.0mA Maximum
► Load Current: 2.5A Maximum
► On-Resistance: 0.14Ω Maximum
► Low Off-State Leakage Current: 1.0μA Maximum
► I/O Breakdown Voltage: 1500Vrms Minimum
► Sufx - H for I/O Breakdown Voltage: 5000Vrms Minimum




Similar Part No. - CT136

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT136 COTO-CT136_14 Datasheet
595Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Similar Description - CT136

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C237S COTO-C237S Datasheet
383Kb / 2P
Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
C245S COTO-C245S Datasheet
380Kb / 2P
Contact Form: C245S: 1a / C345S: 2a Load Voltage: 60V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com