Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT137 Datasheet (PDF) - Coto Technology

CT137 Datasheet PDF - Coto Technology
Part # CT137
Download  CT137 Download
File Size   366.77 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 60V Maximum

CT137 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT137 Datasheet PDF - Coto Technology

Part # CT137
Download  CT137 Click to download

File Size   366.77 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 60V Maximum

CT137 Datasheet (HTML) - Coto Technology


CT137 Product details

CotoMOS CT137/CS137
The CT137 and CS137 combine Coto quality and economy in an industry standard 6 pin DIP package. Both the CT137 and the CS137 offer low on resistance. The CT137 utilizes a thru hole lead configuration, while the CS137 offers a surface mount option when the application requires it. Both relays are ideally suited to the needs of Test and Measurement, Industrial, and Telecommunications.

CT137/CS137 Features
► Contact Form: 1a
► Load Voltage: 60V Maximum
► Operation LED Current: 3.0mA Maximum
► Load Current: 400mA Maximum
► On-Resistance: 1.6Ω Maximum
► Low Off-State Leakage Current: 1.0μA Maximum
► I/O Breakdown Voltage: 1500Vrms Minimum
► Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum




Similar Part No. - CT137

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT137 COTO-CT137_14 Datasheet
633Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Similar Description - CT137

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C237S COTO-C237S Datasheet
383Kb / 2P
Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
C245S COTO-C245S Datasheet
380Kb / 2P
Contact Form: C245S: 1a / C345S: 2a Load Voltage: 60V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com