Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRW2001 Datasheet (PDF) - Motorola, Inc

MRW2001 Datasheet PDF - Motorola, Inc
Part # MRW2001
Download  MRW2001 Download
File Size   102.85 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROWAVE POWER TRANSISTORS

MRW2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRW2001 Datasheet PDF - Motorola, Inc

Part # MRW2001
Download  MRW2001 Click to download

File Size   102.85 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROWAVE POWER TRANSISTORS

MRW2001 Datasheet (HTML) - Motorola, Inc


MRW2001 Product details

The RF Line
Microwave Power Transistors

Designed primarily for large–signal output and driver amplifier stages in the 1.0 to 2.3 GHz frequency range.

• Designed for Class B or C, Common Base Power Amplifiers
• Specified 28 Volt, 2.0 GHz Characteristics:
   Output Power — 1.0 to 20 Watts
   Power Gain — 5.2 to 9.0 dB, Min
   Collector Efficiency — 40%, Min
• Gold Metallization for Improved Reliability
• Diffused Ballast Resistors
• Circuit board photomaster available upon request by contacting
   RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRW2001

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
Ultra-Wide Input Range
MRW20-110D05-AAH WALL-MRW20-110D05-AAH Datasheet
626Kb / 9P
Ultra-Wide Input Range
MRW20-110D05-AH WALL-MRW20-110D05-AH Datasheet
626Kb / 9P
Ultra-Wide Input Range
MRW20-110D12 WALL-MRW20-110D12 Datasheet
626Kb / 9P
Ultra-Wide Input Range
MRW20-110D12-AAH WALL-MRW20-110D12-AAH Datasheet
626Kb / 9P
Ultra-Wide Input Range
More results


Similar Description - MRW2001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1015MA MOTOROLA-MRF1015MA Datasheet
110Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF10500 MOTOROLA-MRF10500 Datasheet
104Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
NPN microwave power transistors
1997 Feb 18
logo
Tyco Electronics
MRF3104 MACOM-MRF3104 Datasheet
93Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com