Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10500 Datasheet (PDF) - Motorola, Inc

MRF10500 Datasheet PDF - Motorola, Inc
Part # MRF10500
Download  MRF10500 Download
File Size   104.12 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROWAVE POWER TRANSISTORS

MRF10500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10500 Datasheet PDF - Motorola, Inc

Part # MRF10500
Download  MRF10500 Click to download

File Size   104.12 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROWAVE POWER TRANSISTORS

MRF10500 Datasheet (HTML) - Motorola, Inc


MRF10500 Product details

The RF Line
Microwave Pulse Power Transistors

. . . designed for 1025–1150 MHz pulse common base amplifier applications such as TCAS, TACAN and Mode–S transmitters.

• Guaranteed Performance @ 1090 MHz
   Output Power = 500 Watts Peak
   Gain = 8.5 dB Min, 9.0 dB (Typ)
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Hermetically Sealed Industry Package
• Silicon Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration
• Internal Input and Output Matching
• Characterized with 10 µs, 1% Duty Cycle Pulses




Similar Part No. - MRF10500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
MRF10502 NJSEMI-MRF10502 Datasheet
76Kb / 2P
Designed for 1025-1150 MHz pulse common base amplifier
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502_15 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
More results


Similar Description - MRF10500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1015MA MOTOROLA-MRF1015MA Datasheet
110Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
MICROWAVE POWER TRANSISTORS
MRW2001 MOTOROLA-MRW2001 Datasheet
102Kb / 6P
MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
NPN microwave power transistors
1997 Feb 18
logo
Tyco Electronics
MRF3104 MACOM-MRF3104 Datasheet
93Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com