Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC64FIMS Datasheet (PDF) - Microchip Technology

24LC64FIMS Datasheet PDF - Microchip Technology
Part # 24LC64FIMS
Download  24LC64FIMS Download
File Size   492.09 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K I2C Serial EEPROM with Quarter-Array Write-Protect

24LC64FIMS Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC64FIMS Datasheet PDF - Microchip Technology

Part # 24LC64FIMS
Download  24LC64FIMS Click to download

File Size   492.09 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K I2C Serial EEPROM with Quarter-Array Write-Protect

24LC64FIMS Datasheet (HTML) - Microchip Technology


24LC64FIMS Product details

Description:
The Microchip Technology Inc. 24AA64F/24LC64F (24XX64F*) is a 64 Kbit Electrically Erasable PROM. The device is organized as a single block of 8K x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with standby and read currents of only 1 μA and 400 μA, respectively. It has been developed for advanced, low power applications such as personal communications or data acquisition. The 24XX64F also has a page write capability for up to 32 bytes of data. Functional address lines allow up to eight devices on the same bus, for up to 512 Kbits address space. The 24XX64F is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, TDFN and MSOP packages. The 24XX64F is also available in the 5-lead SOT-23 package.

Features:
• Single-Supply with Operation down to 1.7V for 24AA64F devices, 2.5V for 24LC64F devices
• Low-Power CMOS Technology:
    - Read current 400 μA, max.
    - Standby current 1 μA, max. (I-temp)
• 2-Wire Serial Interface, I2C™ Compatible
• Packages with 3 Address Pins are cascadable up to 8 Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms, typical
• Self-timed Erase/Write Cycle
• 32-Byte Page Write Buffer
• Hardware Write-protect for 1/4 Array (1800h-1FFFh)
• ESD Protection > 4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP, MSOP, TDFN, 5-lead SOT-23
• Pb-Free and RoHS Compliant
• Temperature Ranges:
    - Industrial (I): -40°C to +85°C
    - Automotive (E): -40°C to +125°C




Similar Part No. - 24LC64FIMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64F MICROCHIP-24LC64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24LC64F MICROCHIP-24LC64F Datasheet
705Kb / 36P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24LC64F-E/MNY.OT MICROCHIP-24LC64F-E/MNY.OT Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24LC64F-E/MS MICROCHIP-24LC64F-E/MS Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24LC64F-E/P MICROCHIP-24LC64F-E/P Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
More results


Similar Description - 24LC64FIMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA32AF MICROCHIP-24AA32AF Datasheet
501Kb / 30P
32K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com