Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1403 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

WS1403 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # WS1403
Download  WS1403 Download
File Size   390.38 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description CDMA PCS 3x3 Power Amplifier Module

WS1403 Datasheet (PDF)

Go To PDF Page Download Datasheet
WS1403 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # WS1403
Download  WS1403 Click to download

File Size   390.38 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description CDMA PCS 3x3 Power Amplifier Module

WS1403 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


WS1403 Product details

Description

The WS1403 is a CDMA Personal Communication Service (PCS) Power Amplifier (PA), designed for handsets operating in the 1850~1910 MHz bandwidth. Digital mode control of CoolPAM reduces current consumption, which enables extended talk time of mobile devices.



Features

• Excellent linearity

• Low quiescent current

• High efficiency

  PAE at 28 dBm: 39.8%

  PAE at 17 dBm: 22.3%

• 8-pin surface mounting package

  3 mm x 3 mm x 1.0 mm

• Internal 50 ohm matching networks for both RF input and output

• RoHS compliant



Applications

• Digital CDMA PCS

• Wireless Local loop




Similar Part No. - WS1403

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WS140050 SUPERWORLD-WS140050 Datasheet
66Kb / 2P
Linear Adaptors
More results


Similar Description - WS1403

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
3V PCS CDMA Power Amplifier Module
logo
ANADIGICS, Inc
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
logo
AVAGO TECHNOLOGIES LIMI...
WS1103 AVAGO-WS1103 Datasheet
372Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
WS1105 AVAGO-WS1105 Datasheet
255Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com