Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1103 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

WS1103 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # WS1103
Download  WS1103 Download
File Size   372.26 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description CDMA Cell 3x3 Power Amplifier Module

WS1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
WS1103 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # WS1103
Download  WS1103 Click to download

File Size   372.26 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description CDMA Cell 3x3 Power Amplifier Module

WS1103 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


WS1103 Product details

Description

The WS1103 is a CDMA(Code Division Multiple Access) power amplifier module designed for handsets operating in the 824-849 MHz bandwidth.



Features

• Excellent linearity

• Low quiescent current

• High efficiency

  PAE at 28 dBm: 41.2%

  PAE at 16 dBm: 17.7%

• 8-pin surface mounting package

  3 mm x 3 mm x 1.0 mm

• Internal 50 ohm matching networks for both RF input and output

• RoHS compliant



Applications

• Digital CDMA Cellular

• Wireless local loop



 




Similar Part No. - WS1103

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
WS1102 AVAGO-WS1102 Datasheet
476Kb / 16P
3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
WS1105 AVAGO-WS1105 Datasheet
255Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
More results


Similar Description - WS1103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC7113 ETC-FC7113 Datasheet
130Kb / 5P
Power Amplifier Module for CDMA/AMPS
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
3V PCS CDMA Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
CDMA/AMPS Power Amplifier Module
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
Power Amplifier Module for CDMA/AMPS
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
WS1105 AVAGO-WS1105 Datasheet
255Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
WS1403 AVAGO-WS1403 Datasheet
390Kb / 15P
CDMA PCS 3x3 Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com