Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7671 Datasheet (PDF) - Analog Devices

AD7671 Datasheet PDF - Analog Devices
Part # AD7671
Download  AD7671 Download
File Size   620.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC

AD7671 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7671 Datasheet PDF - Analog Devices

Part # AD7671
Download  AD7671 Click to download

File Size   620.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC

AD7671 Datasheet (HTML) - Analog Devices


AD7671 Product details

GENERAL DESCRIPTION
The AD7679 is an 18-bit, 570 kSPS, charge redistribution SAR, fully differential analog-to-digital converter that operates on a single 5 V power supply. The part contains a high speed 18-bit sampling ADC, an internal conversion clock, an internal reference buffer, error correction circuits, and both serial and parallel system interface ports.
The part is available in a 48-lead LQFP or 48-lead LFCSP with operation specified from –40°C to +85°C.

FEATURES
   18-bit resolution with no missing codes
   No pipeline delay (SAR architecture)
   Differential input range: ±VREF (VREF up to 5 V)
   Throughput: 570 kSPS
   INL: ±2.5 LSB max (±9.5 ppm of full scale)
   Dynamic range : 103 dB typ (VREF = 5 V)
   S/(N+D): 100 dB typ @ 2 kHz (VREF = 5 V)
   Parallel (18-,16-, or 8-bit bus) and serial 5 V/3 V interface
   SPI®/QSPI™/MICROWIRE™/DSP compatible
   On-board reference buffer
   Single 5 V supply operation
   Power dissipation: 76 mW @ 500 kSPS
                                 150 μW @ 1 kSPS
   48-lead LQFP or 48-lead LFCSP package
   Pin-to-pin compatible upgrade of AD7674/AD7676/AD7678

APPLICATIONS
   CT scanners
   High dynamic data acquisition
   Geophone and hydrophone sensors
   Σ-Δ replacement (low power, multichannel)
   Instrumentation
   Spectrum analysis
   Medical instruments




Similar Part No. - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7671 AD-AD7671 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7671 AD-AD7671 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7671 AD-AD7671 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
B
AD7678 AD-AD7678 Datasheet
437Kb / 29P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com