Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640ABCPZ-150 Datasheet (PDF) - Analog Devices

AD9640ABCPZ-150 Datasheet PDF - Analog Devices
Part # AD9640ABCPZ-150
Download  AD9640ABCPZ-150 Download
File Size   1235.76 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter

AD9640ABCPZ-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9640ABCPZ-150 Datasheet PDF - Analog Devices

Part # AD9640ABCPZ-150
Download  AD9640ABCPZ-150 Click to download

File Size   1235.76 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter

AD9640ABCPZ-150 Datasheet (HTML) - Analog Devices


AD9640ABCPZ-150 Product details

GENERAL DESCRIPTION
The AD9640 is a dual 14-bit, 80/105/125/150 MSPS analog-todigital converter (ADC). The AD9640 is designed to support communications applications where low cost, small size, and versatility are desired.

FEATURES
   SNR = 71.8 dBc (72.8 dBFS) to 70 MHz @ 125 MSPS
   SFDR = 85 dBc to 70 MHz @ 125 MSPS
   Low power: 750 mW @ 125 MSPS
   SNR = 71.6 dBc (72.6 dBFS) to 70 MHz @ 150 MSPS
   SFDR = 84 dBc to 70 MHz @ 150 MSPS
   Low power: 820 mW @ 150 MSPS
   1.8 V analog supply operation
   1.8 V to 3.3V CMOS output supply or 1.8 V LVDS
      output supply
   Integer 1 to 8 input clock divider
   IF sampling frequencies to 450 MHz
   Internal ADC voltage reference
   Integrated ADC sample-and-hold inputs
   Flexible analog input range: 1 V p-p to 2 V p-p
   Differential analog inputs with 650 MHz bandwidth
   ADC clock duty cycle stabilizer
   95 dB channel isolation/crosstalk
   Serial port control
   User-configurable, built-in self-test (BIST) capability
   Energy-saving power-down modes
   Integrated receive features
      Fast detect/threshold bits
      Composite signal monitor

APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers
      GSM, EDGE, WCDMA, LTE,
      CDMA2000, WiMAX, TD-SCDMA
   I/Q demodulation systems
   Smart antenna systems
   General-purpose software radios
   Broadband data applications




Similar Part No. - AD9640ABCPZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-150 AD-AD9640ABCPZ-150 Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
More results


Similar Description - AD9640ABCPZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640 AD-AD9640 Datasheet
931Kb / 41P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Dec-2006
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com