Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356-A Datasheet (PDF) - Renesas Technology Corp

2SC3356-A Datasheet PDF - Renesas Technology Corp
Part # 2SC3356-A
Download  2SC3356-A Download
File Size   189.37 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN Silicon RF Transistor

2SC3356-A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3356-A Datasheet PDF - Renesas Technology Corp

Part # 2SC3356-A
Download  2SC3356-A Click to download

File Size   189.37 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN Silicon RF Transistor

2SC3356-A Datasheet (HTML) - Renesas Technology Corp


2SC3356-A Product details

NPN Silicon RF Transistor
NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold

 *  Low noise and high gain : NF = 1.1 dB TYP., Ga= 11 dB TYP. @ VCE= 10 V, IC= 7 mA, f = 1 GHz
 *  High power gain : MAG = 13 dB TYP. @ VCE= 10 V, IC= 20 mA, f = 1 GHz




Similar Part No. - 2SC3356-A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3356-3 KEXIN-2SC3356-3 Datasheet
1Mb / 3P
NPN Transistors
logo
Comchip Technology
2SC3356-G COMCHIP-2SC3356-G Datasheet
134Kb / 4P
General Purpose Transistor
logo
Guangdong Kexin Industr...
2SC3356-HF KEXIN-2SC3356-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3356-HF-3 KEXIN-2SC3356-HF-3 Datasheet
1Mb / 3P
NPN Transistors
2SC3356-R23 KEXIN-2SC3356-R23 Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - 2SC3356-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com