Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3119 Datasheet (PDF) - Toshiba Semiconductor

TLP3119 Datasheet PDF - Toshiba Semiconductor
Part # TLP3119
Download  TLP3119 Download
File Size   172.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP3119 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3119 Datasheet PDF - Toshiba Semiconductor

Part # TLP3119
Download  TLP3119 Click to download

File Size   172.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP3119 Datasheet (HTML) - Toshiba Semiconductor


TLP3119 Product details

Measurement Instruments

The TOSHIBA TLP3119 mini-flat photorelay is a small-outline photorelay, suitable for surface-mount assembly. The TLP3119 consists of an infrared-emitting diode optically coupled to a photo-MOSFET and is housed in a 4- pin package.

Features
• 4-pin SOP (2.54SOP4): 2.1 mm high, 2.54 mm pitch
• 1-Form-A
• Peak Off-State Voltage: 80 V (min)
• Trigger LED Current: 3 mA (max)
• On-State Current: 200 mA (max)
• On-State Resistance: 8 Ω (max)
• Output Capacitance: 11 pF (max)
• Isolation Voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349
• VDE-approved: EN 60747-5-5 (Note 1)




Similar Part No. - TLP3119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3110 TOSHIBA-TLP3110 Datasheet
204Kb / 5P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
More results


Similar Description - TLP3119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
TOSHIBA Photocoupler Photo Relay
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com