Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8404 Datasheet (PDF) - Toshiba Semiconductor

TPCP8404 Datasheet PDF - Toshiba Semiconductor
Part # TPCP8404
Download  TPCP8404 Download
File Size   293.12 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)

TPCP8404 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCP8404 Datasheet PDF - Toshiba Semiconductor

Part # TPCP8404
Download  TPCP8404 Click to download

File Size   293.12 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)

TPCP8404 Datasheet (HTML) - Toshiba Semiconductor


TPCP8404 Product details

Portable Equipment Applications
Motor Drive Applications

• Low drain-source ON-resistance : P Channel RDS (ON) = 38 mΩ(typ.) (VGS=−10V)
                                                         N Channel RDS (ON) = 38 mΩ(typ.)(VGS=10V)
• High forward transfer admittance : P Channel |Yfs| = 7.3 S (typ.)
                                                         N Channel |Yfs| = 8 S (typ.)
• Low leakage current : P Channel IDSS = −10 μA (max) (VDS = −30 V)
                                      N Channel IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode
   : P Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
     N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TPCP8404 KEXIN-TPCP8404 Datasheet
258Kb / 10P
Silicon P,N Channel MOSFET
logo
Toshiba Semiconductor
TPCP8404 TOSHIBA-TPCP8404 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com