Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8404 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

TPCP8404 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # TPCP8404
Download  TPCP8404 Download
File Size   258.73 Kbytes
Page   10 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon P,N Channel MOSFET

TPCP8404 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCP8404 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # TPCP8404
Download  TPCP8404 Click to download

File Size   258.73 Kbytes
Page   10 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon P,N Channel MOSFET

TPCP8404 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


TPCP8404 Product details

■ Features
● Low drain-source ON-resistance:
   P Channel RDS(ON) = 38m¡ (typ.)(VGS=-10V)
   N Channel RDS(ON) = 38mȍ(typ.)(VGS=10V)
● High forward transfer admittance:
   P Channel |Yfs| = 7.3S (typ.)
   N Channel |Yfs| = 8S (typ.)
● Low leakage current:
   P Channel IDSS = -10ȝA(max)(VDS=-30V)
   N Channel IDSS = 10ȝA(max)(VDS=30V)
● Enhancement mode:
   P Channel Vth = -0.8 to -2.0 V (VDS = -10V, ID = -1mA)
   N Channel Vth = 1.3 to 2.5 V (VDS = 10V, ID = 1mA)




Similar Part No. - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8404 TOSHIBA-TPCP8404 Datasheet
293Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)
TPCP8404 TOSHIBA-TPCP8404 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AM16 HITACHI-4AM16 Datasheet
87Kb / 11P
Silicon N-Channel/P-Channel Power MOSFET Array
logo
Panasonic Semiconductor
UP04979 PANASONIC-UP04979 Datasheet
126Kb / 5P
Silicon N-channel MOSFET (Tr1) Silicon P-channel MOSFET (Tr2)
logo
Isahaya Electronics Cor...
INJ0003AX ISAHAYA-INJ0003AX Datasheet
137Kb / 4P
Silicon P-channel MOSFET
INJ0002AX ISAHAYA-INJ0002AX Datasheet
137Kb / 4P
Silicon P-channel MOSFET
logo
Guangdong Kexin Industr...
2SJ319S KEXIN-2SJ319S Datasheet
47Kb / 1P
Silicon P-Channel MOSFET
logo
Isahaya Electronics Cor...
INJ0203BC1 ISAHAYA-INJ0203BC1 Datasheet
158Kb / 4P
Silicon P-channel MOSFET
logo
Renesas Technology Corp
HAT3038R RENESAS-HAT3038R Datasheet
137Kb / 11P
Silicon N/P Channel Power MOSFET
HAT3037R RENESAS-HAT3037R Datasheet
136Kb / 7P
Silicon N/P Channel Power MOSFET
HAT3036R RENESAS-HAT3036R Datasheet
300Kb / 11P
Silicon N/P Channel Power MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com