Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8404 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TPCP8404
Description  Silicon P,N Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TPCP8404 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  TPCP8404 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 9Page - Guangdong Kexin Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Transistors
www.kexin.com.cn
1
MOSFET
SMD Type
Silicon P,N Channel MOSFET
TPCP8404
Features
Low drain-source ON-resistance:
P Channel RDS(ON) = 38m (typ.)(VGS=-10V)
N Channel RDS(ON) = 38m (typ.)(VGS=10V)
High forward transfer admittance:
P Channel |Yfs| = 7.3S (typ.)
N Channel |Yfs| = 8S (typ.)
Low leakage current:
P Channel IDSS = -10 A(max)(VDS=-30V)
N Channel IDSS = 10 A(max)(VDS=30V)
Enhancement mode:
P Channel Vth = -0.8 to -2.0 V (VDS = -10V, ID = -1mA)
N Channel Vth = 1.3 to 2.5 V (VDS = 10V, ID = 1mA)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
30
V
Drain-gate voltage (RGS = 20 k )VDGR
30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
44
Drain
current
Pulse
(Note 1)
IDP
16
16
A
Single-device operation
(Note 3a)
PD(1)
1.48
1.48
Drain power
dissipation
(t
= 5 s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
PD(2)
1.23
1.23
Single-device operation
(Note 3a)
PD(1)
0.58
0.58
Drain power
dissipation
(t
= 5 s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
PD(2)
0.36
0.36
W
Single pulse avalanche energy
(Note 4)
EAS
2.6
2.6
mJ
Avalanche current
IAR
22
A
Repetitive avalanche energy
Single-device value at dual operation
)
5
,
b
3
,
a
2
e
t
o
N
(
EAR
0.009
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
55 to 150
°C
Note: For Notes 1 to 5, refer to the next page.
Absolute Maximum Ratings Ta = 25
Circuit Configuration
Marking (Note 6)
8
7
6
5
1
2
3
4
8404
1
2
3
4
8
7
6
5
Lot No.
Unit: mm
2-3V1G
5
Drain2
6
Drain2
7
Drain1
8
Drain1
1
Source1
2
Gate1
3
Source2
4
Gate2
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11


Similar Part No. - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8404 TOSHIBA-TPCP8404 Datasheet
293Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)
TPCP8404 TOSHIBA-TPCP8404 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AM16 HITACHI-4AM16 Datasheet
87Kb / 11P
Silicon N-Channel/P-Channel Power MOSFET Array
logo
Panasonic Semiconductor
UP04979 PANASONIC-UP04979 Datasheet
126Kb / 5P
Silicon N-channel MOSFET (Tr1) Silicon P-channel MOSFET (Tr2)
logo
Isahaya Electronics Cor...
INJ0003AX ISAHAYA-INJ0003AX Datasheet
137Kb / 4P
Silicon P-channel MOSFET
INJ0002AX ISAHAYA-INJ0002AX Datasheet
137Kb / 4P
Silicon P-channel MOSFET
logo
Guangdong Kexin Industr...
2SJ319S KEXIN-2SJ319S Datasheet
47Kb / 1P
Silicon P-Channel MOSFET
logo
Isahaya Electronics Cor...
INJ0203BC1 ISAHAYA-INJ0203BC1 Datasheet
158Kb / 4P
Silicon P-channel MOSFET
logo
Renesas Technology Corp
HAT3038R RENESAS-HAT3038R Datasheet
137Kb / 11P
Silicon N/P Channel Power MOSFET
HAT3037R RENESAS-HAT3037R Datasheet
136Kb / 7P
Silicon N/P Channel Power MOSFET
HAT3036R RENESAS-HAT3036R Datasheet
300Kb / 11P
Silicon N/P Channel Power MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com