Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8404 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TPCP8404
Description  Silicon P,N Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TPCP8404 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  TPCP8404 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 9Page - Guangdong Kexin Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Transistors
www.kexin.com.cn
4
MOSFET
SMD Type
Silicon P,N Channel MOSFET
TPCP8404
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS =±20 V, VDS = 0 V
±100
nA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
10
A
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown
voltage
V (BR) DSX
ID = 10 mA, VGS = 20 V
10
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 4.5 V, ID = 2 A
80
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2 A
50
m
Forward transfer admittance
|Yfs|VDS = 10 V, ID = 2 A
4
S
Input capacitance
Ciss
190
Reverse transfer capacitance
Crss
45
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
60
pF
Rise time
tr
4.5
Turn-on time
ton
9.0
Fall time
tf
3.0
Switching time
Turn-off time
toff
Duty
1%, tw = 10 s
12
ns
Total gate charge
(gate-source plus gate-drain)
Qg
4.6
Gate-source charge 1
Qgs1
0.7
Gate-drain (“miller”) charge
Qgd
VDD
24 V, VGS = 10 V, ID = 4 A
1.4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
16
A
Forward voltage (diode)
VDSF
IDR = 4 A, VGS = 0 V
1.2
V
VDD 15 V
0 V
VGS
10 V
ID = 2 A
VOUT
Electrical Characteristics Ta = 25
(N-ch)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com