Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet (PDF) - Analog Devices

AD6620AS Datasheet PDF - Analog Devices
Part # AD6620AS
Download  AD6620AS Download
File Size   374.89 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 67 MSPS Digital Receive Signal Processor

AD6620AS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6620AS Datasheet PDF - Analog Devices

Part # AD6620AS
Download  AD6620AS Click to download

File Size   374.89 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 67 MSPS Digital Receive Signal Processor

AD6620AS Datasheet (HTML) - Analog Devices


AD6620AS Product details

GENERAL DESCRIPTION
The AD6620 is a digital receiver with four cascaded signal-processing elements: a frequency translator, two fixed-coefficient decimating filters, and a programmable coefficient decimating filter. All inputs are 3.3 V LVCMOS compatible. All outputs are LVCMOS and 5 V TTL compatible.

FEATURES
    High Input Sample Rate
        67 MSPS Single Channel Real
        33.5 MSPS Diversity Channel Real
        33.5 MSPS Single Channel Complex
    NCO Frequency Translation
        Worst Spur Better than –100 dBc
        Tuning Resolution Better than 0.02 Hz
    2nd Order Cascaded Integrator Comb FIR Filter
        Linear Phase, Fixed Coefficients
        Programmable Decimation Rates: 2, 3 . . . 16
    5th Order Cascaded Integrator Comb FIR Filter
        Linear Phase, Fixed Coefficients
        Programmable Decimation Rates: 1, 2, 3 . . . 32
    Programmable Decimating RAM Coefficient FIR Filter
        Up to 134 Million Taps per Second
        256 20-Bit Programmable Coefficients
        Programmable Decimation Rates: 1, 2, 3 . . . 32
    Bidirectional Synchronization Circuitry
        Phase Aligns NCOs
        Synchronizes Data Output Clocks
    Serial or Parallel Baseband Outputs
        Pin Selectable Serial or Parallel
        Serial Works with SHARC®, ADSP-21xx, Most Other DSPs
        16-Bit Parallel Port, Interleaved I and Q Outputs
    Two Separate Control and Configuration Ports
        Generic μP Port, Serial Port
    3.3 V Optimized CMOS Process
    JTAG Boundary Scan




Similar Part No. - AD6620AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6620AS AD-AD6620AS Datasheet
354Kb / 43P
65 MSPS Digital Receive Signal Processor
REV. 0
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
More results


Similar Description - AD6620AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6620 AD-AD6620 Datasheet
354Kb / 43P
65 MSPS Digital Receive Signal Processor
REV. 0
AD6634 AD-AD6634 Datasheet
925Kb / 52P
80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
REV.0
AD6624A AD-AD6624A Datasheet
636Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV.0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com