Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet(PDF) 5 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 5 Page - Analog Devices

  AD6620AS Datasheet HTML 1Page - Analog Devices AD6620AS Datasheet HTML 2Page - Analog Devices AD6620AS Datasheet HTML 3Page - Analog Devices AD6620AS Datasheet HTML 4Page - Analog Devices AD6620AS Datasheet HTML 5Page - Analog Devices AD6620AS Datasheet HTML 6Page - Analog Devices AD6620AS Datasheet HTML 7Page - Analog Devices AD6620AS Datasheet HTML 8Page - Analog Devices AD6620AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
–5–
REV. A
AD6620
TIMING CHARACTERISTICS (C
LOAD = 40 pF All Outputs)
Test
AD6620AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
CLK Timing Requirements:
tCLK
CLK Period
Full
I
14.93
1
ns
tCLK
CLK Period
Full
I
15.4
ns
tCLKL
CLK Width Low
Full
IV
7.0
0.5
× t
CLK
ns
tCLKH
CLK Width High
Full
IV
7.0
0.5
× tCLK
ns
Reset Timing Requirements:
tRESL
RESET Width Low
Full
I
30.0
ns
Input Data Timing Requirements:
tSI
Input
2 to CLK Setup Time
Full
IV
–1.0
ns
tHI
Input
2 to CLK Hold Time
Full
IV
6.5
ns
Parallel Output Switching Characteristics:
tDPR
CLK to OUT[15:0] Rise Delay
Full
IV
8.0
19.5
ns
tDPF
CLK to OUT[15:0] Fall Delay
Full
IV
7.5
19.5
ns
tDPR
CLK to DVOUT Rise Delay
Full
IV
6.5
19.0
ns
tDPF
CLK to DVOUT Fall Delay
Full
IV
5.5
11.5
ns
tDPR
CLK to IQOUT Rise Delay
Full
IV
7.0
19.5
ns
tDPF
CLK to IQOUT Fall Delay
Full
IV
6.0
13.5
ns
tDPR
CLK to ABOUT Rise Delay
Full
IV
7.0
19.5
ns
tDPF
CLK to ABOUT Fall Delay
Full
IV
5.5
13.5
ns
SYNC Timing Requirements:
tSY
SYNC
3 to CLK Setup Time
Full
IV
–1.0
ns
tHY
SYNC
3 to CLK Hold Time
Full
IV
6.5
ns
SYNC Switching Characteristics:
tDY
CLK to SYNC
4 Delay Time
Full
V
7.0
23.5
ns
Serial Input Timing:
tSSI
SDI to SCLK
t Setup Time
Full
IV
1.0
ns
tHSI
SDI to SCLK
t Hold Time
Full
IV
2.0
ns
tHSRF
SDFS to SCLK
u Hold Time
Full
IV
4.0
ns
tSSF
SDFS to SCLK
t Setup Time
5
Full
IV
1.0
ns
tHSF
SDFS to SCLK
t Hold Time
5
Full
IV
2.0
ns
Serial Frame Output Timing:
tDSE
SCLK
u to SDFE Delay Time
Full
IV
3.5
11.0
ns
tSDFEH
SDFE Width High
Full
V
tSCLK
ns
tDSO
SCLK
u to SDO Delay Time
Full
IV
4.5
11.0
ns
SCLK Switching Characteristics, SBM = “1”:
tSCLK
SCLK Period4
Full
I
2
× t
CLK
ns
tSCLKL
SCLK Width Low
Full
V
0.5
× tSCLK
ns
tSCLKH
SCLK Width High
Full
V
0.5
× tSCLK
ns
tSCLKD
CLK to SCLK Delay Time
Full
V
6.5
13.0
ns
Serial Frame Timing, SBM = “1”:
tDSF
SCLK
u to SDFS Delay Time
Full
IV
1.0
4.0
ns
tSDFSH
SDFS Width High
Full
V
tSCLK
ns
SCLK Timing Requirements, SBM = “0”:
tSCLK
SCLK Period
Full
I
15.4
ns
tSCLKL
SCLK Width Low
Full
IV
0.4
× tSCLK
0.5
× tSCLK
ns
tSCLKH
SCLK Width High
Full
IV
0.4
× t
SCLK
0.5
× t
SCLK
ns
NOTES
1This specification valid for VDD >= 3.3 V. t
CLKL and tCLKH still apply.
2Specification pertains to: IN[15:0], EXP[2:0], A/B.
3Specification pertains to: SYNC_NCO, SYNC_CIC, SYNC_RCF.
4SCLK period will be
≥ 2 × t
CLK when AD6620 is Serial Bus Master (SBM = 1) depending on the SDIV word.
5SDFS setup and hold time must be met, even when configured as outputs, since internally the signal is sampled at the pad.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com